Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5949AESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5949AESA
Description  -48V Hot-Swap Controllers with External RSENSE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5949AESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5949AESA Datasheet HTML 1Page - Maxim Integrated Products MAX5949AESA Datasheet HTML 2Page - Maxim Integrated Products MAX5949AESA Datasheet HTML 3Page - Maxim Integrated Products MAX5949AESA Datasheet HTML 4Page - Maxim Integrated Products MAX5949AESA Datasheet HTML 5Page - Maxim Integrated Products MAX5949AESA Datasheet HTML 6Page - Maxim Integrated Products MAX5949AESA Datasheet HTML 7Page - Maxim Integrated Products MAX5949AESA Datasheet HTML 8Page - Maxim Integrated Products MAX5949AESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
-48V Hot-Swap Controllers
with External RSENSE
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = 48V, VEE = 0V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
80
60
40
20
100
200
300
400
500
600
700
800
900
0
0100
TA = +85
°C
TA = +25
°C
TA = -40
°C
GATE VOLTAGE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
80
60
40
20
9
10
11
12
13
14
15
8
0100
TA = +85
°C
TA = -45
°C
TA = +25
°C
CURRENT-LIMIT TRIP VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
47
48
49
50
51
52
53
46
-40
85
GATE PULLUP CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
43.2
43.4
43.6
43.8
44.0
44.2
44.4
44.6
44.8
45.0
43.0
-40
85
VGATE = 0V
GATE PULLDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
30
35
40
45
50
55
60
65
70
25
-40
85
VGATE = 2V
PWRGD OUTPUT LOW VOLTAGE
vs. TEMPERATURE (MAX5949A)
TEMPERATURE (
°C)
60
35
10
-15
5
10
15
20
25
30
35
40
45
50
0
-40
85
IOUT = 1mA
PWRGD OUTPUT IMPEDANCE
vs. TEMPERATURE (MAX5949B)
TEMPERATURE (
°C)
75
25
50
0
-25
10
100
1000
10,000
1
-50
100


Similar Part No. - MAX5949AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949AESA++ MAXIM-MAX5949AESA+ Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
More results

Similar Description - MAX5949AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5936 MAXIM-MAX5936 Datasheet
343Kb / 23P
   -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Rev 1; 1/05
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com