Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT08U5C1TNB Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT08U5C1TNB
Description  ARMCortex??M0 Microcontroller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT08U5C1TNB Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT08U5C1TNB Datasheet HTML 1Page - Princeton Technology Corp PT08U5C1TNB Datasheet HTML 2Page - Princeton Technology Corp PT08U5C1TNB Datasheet HTML 3Page - Princeton Technology Corp PT08U5C1TNB Datasheet HTML 4Page - Princeton Technology Corp PT08U5C1TNB Datasheet HTML 5Page - Princeton Technology Corp PT08U5C1TNB Datasheet HTML 6Page - Princeton Technology Corp PT08U5C1TNB Datasheet HTML 7Page - Princeton Technology Corp PT08U5C1TNB Datasheet HTML 8Page - Princeton Technology Corp PT08U5C1TNB Datasheet HTML 9Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PT32U301
ARM ®
Cortex™-M0 Microcontroller
Tel: 886-2-66296288
‧Fax: 886-2-29174598‧ http://www.princeton.com.tw‧2F, No. 233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
The PT32 microcontrollers is a series of low-power
microcontrollers incorporating a high-performance
ARM CortexTM-M0 32-bit RISC core. It operates at
a maximum 48 MHz frequency and features 32
Kbytes of Flash and 4 Kbytes of SRAM. A
comprehensive set of power-saving modes allows it
to be employed in low-power applications. Extensive
range of enhanced peripherals and I/Os are available
allowing the device to be adopted in different
application. A comprehensive set of power-saving
modes allows it to be employed in low-power
applications. The Flash program memory can be
reprogrammed in-system through the SWD interface.
The PT32U301 MCUs give you any essential
functionality as a General-purpose MCU. With its
highly customizable peripherals, it eases the
process of making your own ideal product.
PT32U301 microcontroller peripheral set also
includes an External Bus Interface, 2x UARTs, 1X
I2C, 1 SPI, 3x general-purpose 16/32-bit timers, an
RTC, 3x PWM, an ADC and four analog
comparators.
FEATURES
 ARM Cortex M0 Processor
 Performance up to 48 MHz
 Flash memory 32K-Byte
 System SRAM 4K-Byte
 Power control
POR/PDR
PVD
 Low power mode
Sleep mode
Stop mode
Standby mode
 Divers Peripherals
Up to 45 GPIOs
16/32-bit timer * 6
WDT/RTC
8 channel 12-bit ADC
4 Comparator with window comparison
2 UART
I2C with master/slave mode
SPI with variable bit length (4-16 bits)


Similar Part No. - PT08U5C1TNB

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PT08 OMRON-PT08 Datasheet
300Kb / 13P
   General Purpose Relay
PT08 OMRON-PT08 Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
PT08-0 OMRON-PT08-0 Datasheet
300Kb / 13P
   General Purpose Relay
PT08-0 OMRON-PT08-0 Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
logo
FOTEK CONTROLS CO., LTD...
PT08-01NBE-PG FOTEK-PT08-01NBE-PG Datasheet
1Mb / 8P
   Inductive proximity sensor
More results

Similar Description - PT08U5C1TNB

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT32C302 PTC-PT32C302 Datasheet
213Kb / 3P
   ARM 짰 Cortex??M0 Microcontroller
PT32M625 PTC-PT32M625 Datasheet
268Kb / 4P
   ARM 짰 Cortex??M0 Microcontroller
PT32M621 PTC-PT32M621 Datasheet
131Kb / 2P
   ARM 짰 Cortex??M0 Micontroller
PT32M622 PTC-PT32M622 Datasheet
271Kb / 4P
   ARM 짰 Cortex??M0 Micro Controller
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com