Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41LV4100-60JI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS41LV4100-60JI
Description  1Meg x 4 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV4100-60JI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS41LV4100-60JI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41LV4100-60JI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41LV4100-60JI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV4100-60JI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV4100-60JI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV4100-60JI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV4100-60JI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV4100-60JI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV4100-60JI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
IS41C4100
IS41LV4100
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
PRELIMINARY INFORMATION
Rev. 00A
09/10/01
This document contains PRELIMINARY INFORMATION data. ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the
best possible product. We assume no responsibility for any errors which may appear in this publication. © Copyright 2001, Integrated Silicon Solution, Inc.
1Meg x 4 (4-MBIT) DYNAMIC RAM
WITH EDO PAGE MODE
FEATURES
• TTL compatible inputs and outputs
• Refresh Interval: 1024 cycles/16 ms
• Refresh Mode :
RAS-Only, CAS-before-RAS
(CBR), and Hidden
• JEDEC standard pinout
• Single power supply
5V ± 10% (IS41C4100)
3.3V ± 10% (IS41LV4100)
• Industrail Temperature Range -40
oC to 85oC
DESCRIPTION
The
ISSI IS41C4100 and IS41LV4100 are 1,048,576 x 4-bit
high-performance CMOS Dynamic Random Access
Memory. Both products offer accelerated cycle access
EDO Page Mode. EDO Page Mode allows 512 random
accesses within a single row with access cycle time as
short as 10ns per 4-bit word.
These features make the IS41C4100 and IS41LV4100 ideally
suited for high band-width graphics, digital signal processing,
high-performance computing systems, and peripheral applications.
The IS41C4100 and IS41LV4100 are available in a 20-pin,
300-mil SOJ package.
KEY TIMING PARAMETERS
Parameter
-35
-60
Unit
Max.
RAS Access Time (tRAC)
35
60
ns
Max.
CAS Access Time (tCAC)
10
15
ns
Max. Column Address Access Time (tAA)
18
30
ns
Min. Fast Page Mode Cycle Time (tPC)
12
25
ns
Min. Read/Write Cycle Time (tRC)
60
110
ns
PIN DESCRIPTIONS
A0-A9
Address Inputs
I/O0-I/O3
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
CAS
Column Address Strobe
VCC
Power
GND
Ground
NC
No Connection
PIN CONFIGURATION
20-Pin SOJ
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I/O0
I/O1
WE
RAS
A9
A0
A1
A2
A3
Vcc
GND
I/O3
I/O2
CAS
OE
A8
A7
A6
A5
A4
PRELIMINARY INFORMATION
SEPTEMBER 2001


Similar Part No. - IS41LV4100-60JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV44002 ICSI-IS41LV44002 Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV44002 ISSI-IS41LV44002 Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002-50J ISSI-IS41LV44002-50J Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002-50JI ISSI-IS41LV44002-50JI Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002-60J ISSI-IS41LV44002-60J Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV4100-60JI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS45LV44002B ISSI-IS45LV44002B Datasheet
127Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com