Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1742-28BCVBG Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # AIC1742-28BCVBG
Description  Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1742-28BCVBG Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button AIC1742-28BCVBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1742-28BCVBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1742-28BCVBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1742-28BCVBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1742-28BCVBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1742-28BCVBG Datasheet HTML 9Page - Analog Intergrations Corporation AIC1742-28BCVBG Datasheet HTML 10Page - Analog Intergrations Corporation AIC1742-28BCVBG Datasheet HTML 11Page - Analog Intergrations Corporation AIC1742-28BCVBG Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AIC1742
APPLICATION INFORMATION
INPUT-OUTPUT CAPACITORS
Linear regulators require input and output
capacitors to maintain stability. Input capacitor
at 1
µF with 1uF aluminum electrolytic or 2.2µF
ceramic output capacitor is recommended. And
it should be selected within the Equivalent
Series Resistance (ESR) range as shown in
the figure 20,21. ESR of ceramic capacitor is
lower
and
its
electrical
characteristics
(capacitance and ESR) vary widely over
temperature. In general, tantalum or electric
output capacitor is suggested for heavy load.
Normally, the output capacitor should be 1
µF
(aluminum electrolytic) at least and rates for
operating temperature range. Note that it’s
important to check selected manufactures
electrical characteristics (capacitance and ESR)
over temperature.
NOISE BYPASS CAPACITOR
0.01
µF bypass capacitor at BP pin reduces
output voltage noise. And the BP pin has to
connect a capacitor to GND.
POWER DISSIPATION
The maximum power dissipation of AIC1742
depends on the thermal resistance of its case
and circuit board, the temperature difference
between the die junction and ambient air, and
the rate of airflow. The rate of temperature rise
is greatly affected by the mounting pad
configuration on the PCB, the board material,
and the ambient temperature. When the IC
mounting with good thermal conductivity is
used, the junction temperature will be low even
when large power dissipation applies.
The power dissipation across the device is
P = IOUT (VIN-VOUT).
The maximum power dissipation is:
)
(Rθ
)
T
(T
P
BA
JB
A
J
MAX
+
=
Where TJ-TA is the temperature difference
between the die junction and the surrounding
air, R
θJB is the thermal resistance of the
package, and R
θBA is the thermal resistance
through the PCB, copper traces, and other
materials to the surrounding air.
As a general rule, the lower temperature is, the
better reliability of the device is. So the PCB
mounting
pad
should provide
maximum
thermal conductivity to maintain low device
temperature.
GND pin performs a dual function of providing
an electrical connection to ground and
channeling heat away. Therefore, connecting
the GND pin to ground with a large pad or
ground plane would increase the power
dissipation and reduce the device temperature.
10


Similar Part No. - AIC1742-28BCVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742-28BXV AIC-AIC1742-28BXV Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results

Similar Description - AIC1742-28BCVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com