Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56004XDP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA56004XDP
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004XDP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA56004XDP Datasheet HTML 6Page - NXP Semiconductors SA56004XDP Datasheet HTML 7Page - NXP Semiconductors SA56004XDP Datasheet HTML 8Page - NXP Semiconductors SA56004XDP Datasheet HTML 9Page - NXP Semiconductors SA56004XDP Datasheet HTML 10Page - NXP Semiconductors SA56004XDP Datasheet HTML 11Page - NXP Semiconductors SA56004XDP Datasheet HTML 12Page - NXP Semiconductors SA56004XDP Datasheet HTML 13Page - NXP Semiconductors SA56004XDP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
10
FUNCTIONAL DESCRIPTION
Serial bus interface
The SA56004X should be connected to a compatible two-wire serial
interface System Management Bus (SMBus) as a slave device
using the two device terminals SCLK and SDATA. The ALERT pin
can optionally be used with the SMBus protocol to implement the
ARA response. The controller will provide a clock signal to the
device SCLK pin and write/read data to/from the device through the
device SDATA pin. External pull-up resistors, about 10 k
Ω each, are
needed for these device pins due to open drain circuitry.
Data of 8-bit digital byte or word are used for communication
between the controller and the device using SMBus 2.0 protocols
which are described more in the ‘SMBus Interface’ section on
page 17. The operation of the device to the bus is described with
details in the following sections.
Slave address
The SA56004X has a 7-bit slave address register which is factory
programmed in OTP memory. Eight unique devices are available
with different slave addresses as defined in the ‘Ordering
information’ section in Table 1, ‘Device slave address options’. Up to
eight devices can reside on the same SMBus without conflict,
provided that their addresses are unique.
Register overview
The SA56004X contains three types of SMBus addressable registers.
These are read only (R), write only (W), and read-write (R/W).
Attempting to write to any R-only register or read data from any
W-only register will produce an invalid result. Some of the R/W
registers have separate addresses for reading and writing operations.
The registers of the SA56004X serve four purposes:
Control and configuration of the SA56004X
Status reporting
Temperature measurement storage
ID and manufacturer test registers.
Table 2 describes the names, addresses, power-on-reset (POR),
and functions of each register. The data of the temperature-related
registers is in 2’s complement format in which the MSB is the sign
bit. The 8-bit data of other registers is in 8-bit straight format.
Table 2. Register assignments
REGISTER
NAME
COMMAND BYTE
POR
STATE
FUNCTION
BITS
ACCESSIBILITY
NAME
READ
ADDRESS
WRITE
ADDRESS
STATE
LTHB
00h
NA
0000 0000
Local Temperature HIGH Byte
8
R
RTHB
01h
NA
0000 0000
Remote Temperature HIGH Byte
8
R
SR
02h
NA
0000 0000
Status Register
8
R
CON
03h
09h
0000 0000
Configuration Register
8
R/W
CR
04h
0Ah
1000
Conversion Rate
4
R/W
LHS
05h
0Bh
0100 0110
Local HIGH Setpoint
8
R/W
LLS
06h
0Ch
0000 0000
Local LOW Setpoint
8
R/W
RHSHB
07h
0Dh
0100 0110
Remote HIGH Setpoint High Byte
8
R/W
RLSHB
08h
0Eh
0000 0000
Remote LOW Setpoint High Byte
8
R/W
One Shot
NA
0Fh
Writing register initiate a one shot conversion
0
W
RTLB
10h
NA
0000 00
Remote Temperature LOW Byte
6(MSBs)
R
RTOHB
11h
11h
0000 0000
Remote Temperature Offset High Byte
8
R/W
RTOLB
12h
12h
000
Remote Temperature Offset Low Byte
3(MSBs)
R/W
RHSLB
13h
13h
000
Remote HIGH Setpoint Low Byte
3(MSBs)
R/W
RLSLB
14h
14h
000
Remote LOW Setpoint Low Byte
3(MSBs)
R/W
RCS
19h
19h
0101 0101
Remote T_CRIT Setpoint
8
R/W
LCS
20h
20h
0101 0101
RLocal T_CRIT Setpoint
8
R/W
TH
21h
21h
0 1010
T_CRIT Hysteresis
5
R/W
LTLB
22h
NA
0000 0000
Local Temperature Low Byte
3(MSBs)
R
AM
BFh
BFh
0
Alert Mode
1
R/W
RMID
FEh
NA
1010 0001
Read Manufacturer’s ID
8
R
RDR
FFh
NA
0000 0000
Read Stepping or Die Revision
8
R


Similar Part No. - SA56004XDP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004X NXP-SA56004X Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
More results

Similar Description - SA56004XDP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004X NXP-SA56004X Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
   1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
MAX6654 MAXIM-MAX6654 Datasheet
222Kb / 16P
   1째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 1/02
MAX6690 MAXIM-MAX6690 Datasheet
235Kb / 16P
   2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 0; 10/01
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com