Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PT08C5C1HMB Datasheet(HTML) 3 Page - Princeton Technology Corp

Part No. PT08C5C1HMB
Description  ARM ® Cortex™-M0 Microcontroller
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PTC [Princeton Technology Corp]
Homepage  http://www.princeton.com.tw
Logo 

PT08C5C1HMB Datasheet(HTML) 3 Page - Princeton Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
PT32U301
V1.2
5
April 2019
1. ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT32U301
LQFP 48
PT32U301
PT32U301
LQFP 32
PT32U301
PT32U301
SSOP 24
PT32U301
PT32U301
SOP 16
PT32U301
PT32U301
SOP 8
PT32U301
T 3 2 U 3 0 1
Device Variant
32 : 32-bit MCU M0
33 : 32-bit MCU M3
35 : 32-bit MCU M4
08 : 8-bit MCU 8051
M : Medical/Motor
C : Connectivity
U : Universal
Product Line Code
0-1 : USB
5 : PLC
6-7 : RF
3 : 3.3V Power/IO
5 : 5V Power/IO
P
Product Type Sub Family
Product Type
C : Connectivity
0-1 : Medical
2-3 : Motor
M : Medical/Motor
3 : CAN/LIN
H G M
Flash Memory Size
PT : Princeton Technology
MCU Type
I/O Type
1 : Default Variant
Pin Count
M : 48 pins
R : 64 pins
Package Type
G : LQFP, 7x7 mm
2
T : 64KB Eflash Memory, 8KB SRAM
H : 32KB Eflash Memory, 4KB SRAM
6 : SiP
A
PKG Version
W : 32 pins
P : 24 pins
B : 8 pins
N : QFN, 5x5 mm
2
M : QFN, 4x4 mm
2
X : SOP, 150 mil
R : 64KB E flash Memory, 16KB SRAM


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn