Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOL1608MY Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TOL1608MY
Description  LEDs, Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TOL1608MY Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TOL1608MY Datasheet HTML 1Page - List of Unclassifed Manufacturers TOL1608MY Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LEDs, Surface Mount
01945 47 47 47
sales@angliac.com
01945 47 48 49
www.angliac.com
OPTOELECTRONICS
458
Typ. Luminous
Case &
Peak
Intensity
Manf. Part No.
Viewing
Emitted
Lens
Wavelength
(IF = 20mA)
&
Angle
Colour
Colour
nm
mcd
Order Code
NORMAL BRIGHTNESS
Red
white-diffused
660
17
TOL1608MR
Orange
white-diffused
610
6
TOL1608MO
Yellow
white-diffused
585
7
TOL1608MY
Green
white-diffused
568
10
TOL1608MG
HIGH BRIGHTNESS
Red
white-diffused
632
45
TOL1608MRB
Orange
white-diffused
611
45
TOL1608MOB
Yellow
white-diffused
593
45
TOL1608MYB
Green
white-diffused
570
30
TOL1608MGB
CHIP - standard
Dimensions (mm)
A range of surface mount, chip LEDs with a white diffused lens, available in three industry standard sizes. Suitable for many applications
including LCD/keypad backlighting, dot matrix displays and panel illumination. Supplied taped and reeled.
1.6
0.8
1.0
0.8
0.3
1.0
0.3
CATHODE
Typ. Luminous
Case &
Peak
Intensity
Manf. Part No.
Viewing
Emitted
Lens
Wavelength
(IF = 20mA)
&
Angle
Colour
Colour
nm
mcd
Order Code
NORMAL BRIGHTNESS
Red
white-diffused
660
17
TOL2012MR
Orange
white-diffused
610
6
TOL2012MO
Yellow
white-diffused
585
7
TOL2012MY
Green
white-diffused
568
10
TOL2012MG
HIGH BRIGHTNESS
Red
white-diffused
632
45
TOL2012MRB
Orange
white-diffused
611
45
TOL2012MOB
Yellow
white-diffused
593
45
TOL2012MYB
Green
white-diffused
570
30
TOL2012MGB
Dimensions (mm)
2.0
1.25
1.4
0.8
0.3
1.2
0.4
CATHODE
Typ. Luminous
Case &
Peak
Intensity
Manf. Part No.
Viewing
Emitted
Lens
Wavelength
(IF = 20mA)
&
Angle
Colour
Colour
nm
mcd
Order Code
NORMAL BRIGHTNESS
Red
white-diffused
660
17
TOL3216MR
Orange
white-diffused
610
6
TOL3216MO
Yellow
white-diffused
585
7
TOL3216MY
Green
white-diffused
568
10
TOL3216MG
HIGH BRIGHTNESS
Red
white-diffused
632
45
TOL3216MRB
Orange
white-diffused
611
45
TOL3216MOB
Yellow
white-diffused
593
45
TOL3216MYB
Green
white-diffused
570
30
TOL3216MGB
Dimensions (mm)
3.2
1.6
2.0
1.1
0.5
2.2
0.5
CATHODE
NOTE! – Polarity is reversed for TOL1608MR
NOTE! – Polarity is reversed for TOL2012MR
NOTE! – Polarity is reversed for TOL3216MR
Viewing angle 170°
0603 Chip
0805 Chip
1206 Chip
Viewing angle 170°
Viewing angle 170°
Packaging
TAPE : 8mm wide, 4mm pitch
REEL : 178mm dia.
For the very latest information and news on the full range of TITAN OPTO
products available from Anglia, visit our website :
www.angliac.com/titan-opto
Alternatively, contact our Sales Desk to discuss your specific requirements
.


Similar Part No. - TOL1608MY

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-08734 SPARKFUN-TOL-08734 Datasheet
91Kb / 1P
   Barrel Jack to 2-pin JST
11/16/2015
TOL-09316 SPARKFUN-TOL-09316 Datasheet
79Kb / 1P
   Monocle Magnifier - Illuminated
5??5??7
TOL-09317 SPARKFUN-TOL-09317 Datasheet
76Kb / 1P
   Third Hand
5??5??7
TOL-09419 SPARKFUN-TOL-09419 Datasheet
95Kb / 1P
   SparkFun microSD Sniffer
2/12/2015
TOL-09544 SPARKFUN-TOL-09544 Datasheet
110Kb / 2P
   Bus Pirate
4/16/2015
More results

Similar Description - TOL1608MY

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7020X CML-7020X Datasheet
74Kb / 1P
   Surface Mount LEDs
logo
Visual Communications C...
7020X VCC-7020X Datasheet
651Kb / 1P
   Surface Mount LEDs
logo
Panasonic Semiconductor
LNJ319G9TRA PANASONIC-LNJ319G9TRA Datasheet
109Kb / 3P
   Surface Mount LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com