Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1009IDAR Datasheet(PDF) 7 Page - Texas Instruments

Part # THS1009IDAR
Description  10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1009IDAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS1009IDAR Datasheet HTML 3Page - Texas Instruments THS1009IDAR Datasheet HTML 4Page - Texas Instruments THS1009IDAR Datasheet HTML 5Page - Texas Instruments THS1009IDAR Datasheet HTML 6Page - Texas Instruments THS1009IDAR Datasheet HTML 7Page - Texas Instruments THS1009IDAR Datasheet HTML 8Page - Texas Instruments THS1009IDAR Datasheet HTML 9Page - Texas Instruments THS1009IDAR Datasheet HTML 10Page - Texas Instruments THS1009IDAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
THS1009
SLAS287A – AUGUST 2000 – REVISED DECEMBER 2002
www.ti.com
7
TYPICAL CHARACTERISTICS
Figure 1
40
45
50
55
60
65
70
75
80
01
23
45
67
89
TOTAL HARMONIC DISTORTION
vs
SAMPLING FREQUENCY (SINGLE-ENDED)
AVDD = 5 V, DVDD = BVDD = 3 V,
fIN = 500 kHz, AIN = –1 dB FS
fs – Sampling Frequency – MHz
Figure 2
40
45
50
55
60
65
01
23
45
67
89
SIGNAL-TO-NOISE AND DISTORTION
vs
SAMPLING FREQUENCY (SINGLE-ENDED)
fs – Sampling Frequency – MHz
AVDD = 5 V, DVDD = BVDD = 3 V,
fIN = 500 kHz, AIN = –1 dB FS
Figure 3
40
45
50
55
60
65
70
75
80
85
90
01
23
45
67
89
SPURIOUS FREE DYNAMIC RANGE
vs
SAMPLING FREQUENCY (SINGLE-ENDED)
fs – Sampling Frequency – MHz
AVDD = 5 V, DVDD = BVDD = 3 V,
fIN = 500 kHz, AIN = –1 dB FS
Figure 4
SIGNAL-TO-NOISE
vs
SAMPLING FREQUENCY (SINGLE-ENDED)
fs – Sampling Frequency – MHz
40
45
50
55
60
65
01
23
45
67
89
AVDD = 5 V, DVDD = BVDD = 3 V,
fIN = 500 kHz, AIN = –1 dB FS


Similar Part No. - THS1009IDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1009IDA TI1-THS1009IDA Datasheet
310Kb / 31P
[Old version datasheet]   Simultaneous Sampling of Two Single-Ended Signals or One Differential Signals or Combination of Both
More results

Similar Description - THS1009IDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI1-THS10064_09 Datasheet
510Kb / 42P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209 Datasheet
318Kb / 33P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1007 TI-THS1007 Datasheet
246Kb / 36P
[Old version datasheet]   10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8355 TI1-ADS8355 Datasheet
833Kb / 39P
[Old version datasheet]   Dual, 16-Bit, 1-MSPS, Simultaneous-Sampling, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com