Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TC3000
Description  Turbo Product Code decoders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC3000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TC3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This document contains preliminary information. Information is subject to change without notice.
TC3000 is covered by several patents.
Flexibility
TC3000 family offers 3 levels of flexibility :
TC3000 family member
9 BCH t=2 code support (YES/NO)
9 Choice on bitrate
VHDL generic parameters
before synthesis
9 Maximum row code length
9 Maximum column code length
9 Input Quantization width
9 1 or 2 input buffers
On-the fly parameters
from block to block
9 Row code
9 Column code
9 Shortening values
9 Max. number of iterations
9 Stopping feature enabled
FEC performance
Very high FEC performance are obtained for various block sizes and coding rates. The FEC behaviour
of the “BCH t=2” codes makes them particularly attractive for quasi-error free applications.
Ö Gaussian channel and QPSK modulation. Results given with 5 iterations.
Product Code
Rate
Eb/N0 @BER=10
-5
Eb/N0 @BER=10
-8
(32,26) x (32,26)
0.660
2.9 dB
3.6 dB
(32,21) x (32,21)
0.431
2.4 dB
N.A.
(64,57) x (64,57)
0.793
3.2 dB
3.6 dB
(64,51) x (64,51)
0.635
2.6 dB
2.9 dB
(128,120) x (128,120) 0.879
3.8 dB
4.2 dB
(128,113) x (128,113) 0.779
3.3 dB
3.4 dB
(256,247) x (256,247) 0.931
4.5 dB
4.8 dB
(256,239) x (256,239) 0.872
4.0 dB
N.A.
Block Diagram
Implementation results
Codes supported
Generic parameter setting
Implementation results
Product
Hamming
BCH t=2
Row max.
length
Column
max. length
Data
width
bank
swap
LE
ESB
APEX20K
device
Fmax
MHz
Typical Bitrate
@(64,57)², 5 iterations
TC3011
9
64
64
4
NO
2025
22
200 C7
82
8 Mbits/s
64
64
4
NO
6926
36
200 C7
72
25 Mbits/s
TC3014
9
128
128
4
NO
8115
88
400 C7
67
23.5 Mbits/s
TC3022
9
9
64
64
4
NO
8932
24
400 C7
79
14 Mbits/s
Decoder
module
Configuration module
D[D_WIDTH-1:0]
DEN
DBLK
TC3000
DRDY
DCK
Input
Interface
CK
RSTB
MSELECT
Q
QEN
QBLK
QRDY
QCK
Global
Signals
Input
Buffer #1
Input
Buffer #0
Output
Interface
Dedicated
Configuration
I/Os
Microcontroller
Interface
Output
module
Output
Buffer
Input
module
Decoder
module
Configuration module
D[D_WIDTH-1:0]
DEN
DBLK
TC3000
DRDY
DCK
Input
Interface
CK
RSTB
MSELECT
CK
RSTB
MSELECT
Q
QEN
QBLK
QRDY
QCK
Global
Signals
Input
Buffer #1
Input
Buffer #0
Output
Interface
Dedicated
Configuration
I/Os
Microcontroller
Interface
Output
module
Output
Buffer
Input
module


Similar Part No. - TC3000

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
TC3014D-101M PRODUCTWELL-TC3014D-101M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3015D-391M PRODUCTWELL-TC3015D-391M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3016D-301M PRODUCTWELL-TC3016D-301M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3016D-900M PRODUCTWELL-TC3016D-900M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC3017D-321M PRODUCTWELL-TC3017D-321M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHA4524 ETC1-AHA4524 Datasheet
100Kb / 4P
   TURBO PRODUCT CODE ENCODER/DECODER
AHA4540B ETC1-AHA4540B Datasheet
211Kb / 4P
   155 MBITS/SEC TURBO PRODUCT CODE ENCODER/DECODER
AHA4541 ETC1-AHA4541 Datasheet
217Kb / 4P
   311 MBITS/SEC TURBO PRODUCT CODE ENCODER/DECODER
AHA4501 ETC1-AHA4501 Datasheet
575Kb / 40P
   36 Mbits/sec Turbo Product Code Encoder/Decoder, 3.3V
logo
Mitsubishi Electric Sem...
M58609-04P MITSUBISHI-M58609-04P Datasheet
424Kb / 6P
   KEYBOARD ENCODER ( JIS CODE STANDARD PRODUCT )
logo
Texas Instruments
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
[Old version datasheet]   Turbo CAN Transceivers
logo
National Semiconductor ...
54LS42 NSC-54LS42 Datasheet
128Kb / 6P
   Decimal Decoders
logo
List of Unclassifed Man...
BT829B ETC1-BT829B Datasheet
1Mb / 127P
   VideoStreamII Decoders
logo
National Semiconductor ...
54LS138 NSC-54LS138 Datasheet
165Kb / 8P
   Decoders/Demultiplexers
logo
List of Unclassifed Man...
BT819A ETC-BT819A Datasheet
759Kb / 110P
   VideoStream Decoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com