Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3654 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3654
Description  47MHz to 870MHz Analog CATV Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3654 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3654 Datasheet HTML 1Page - Maxim Integrated Products MAX3654 Datasheet HTML 2Page - Maxim Integrated Products MAX3654 Datasheet HTML 3Page - Maxim Integrated Products MAX3654 Datasheet HTML 4Page - Maxim Integrated Products MAX3654 Datasheet HTML 5Page - Maxim Integrated Products MAX3654 Datasheet HTML 6Page - Maxim Integrated Products MAX3654 Datasheet HTML 7Page - Maxim Integrated Products MAX3654 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
47MHz to 870MHz Analog CATV
Transimpedance Amplifier
_______________________________________________________________________________________
3
**
*
SEE PHOTODIODE
MODEL IN FIGURE 2
*FOR 75
Ω INPUT IMPEDANCE USE 25Ω RESISTORS
AND ADTL 1-18-75
+5V
IN+
IN-
1k
1k
MINI-CIRCUITS
ADTL
1-18-75
MINI-CIRCUITS
ADTL
1-18-75
VAGC
MAX3654
0.001
µF
0.001
µF
GAIN, GAIN vs. VAGC, GAIN TILT, S22, IRN TEST CIRCUIT
OIP2, OIP3 TEST CIRCUIT
0.001
µF
*MURATA BLM15HD182SN **TDK MLF1608 E100K 10
µH
0.001
µF
IN+
IN-
75
75
12
Ω*
+5V
OUT+
OUT-
GND
OUT+
OUT-
GND
VCC
+5V
VCC
12
Ω*
MINI-CIRCUITS
ADTL
1-12*
VAGC
MAX3654
0.001
µF
0.001
µF
0.001
µF
0.001
µF
**
*
Figure 1. Test Circuits for Characterization


Similar Part No. - MAX3654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3654 MAXIM-MAX3654 Datasheet
229Kb / 5P
   Evaluation Kit
Rev 1; 3/07
MAX3654EVKIT MAXIM-MAX3654EVKIT Datasheet
229Kb / 5P
   Evaluation Kit
Rev 1; 3/07
MAX3654 MAXIM-MAX3654_1 Datasheet
229Kb / 5P
   Evaluation Kit
Rev 1; 3/07
More results

Similar Description - MAX3654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3660 MAXIM-MAX3660 Datasheet
250Kb / 9P
   Analog CATV Transimpedance Amplifier
Rev 0; 7/08
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
logo
Tyco Electronics
MAFLCT0066 MACOM-MAFLCT0066 Datasheet
84Kb / 4P
   CATV Diplex Filter 5 - 30 / 46 - 870MHz
logo
M/A-COM Technology Solu...
MAFLCT0066 MA-COM-MAFLCT0066 Datasheet
81Kb / 4P
   CATV Diplex Filter 5 - 30 / 46 - 870MHz
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01502 ANADIGICS-ATA01502 Datasheet
245Kb / 8P
   AGC Transimpedance Amplifier
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com