Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3646ETG+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3646ETG+
Description  155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3646ETG+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3646ETG+ Datasheet HTML 1Page - Maxim Integrated Products MAX3646ETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX3646ETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX3646ETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX3646ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX3646ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX3646ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX3646ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX3646ETG+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
155Mbps to 622Mbps SFF/SFP
Laser Driver with Extinction Ratio Control
_______________________________________________________________________________________
3
Note 1: AC characterization is performed using the circuit in Figure 2 using a PRBS 2
23 - 1 or equivalent pattern.
Note 2: Specifications at -40°C are guaranteed by design and characterization.
Note 3: Excluding IBIAS and IMOD. Input data is AC-coupled. TX_FAULT open, SHUTDOWN open.
Note 4: Power-supply noise rejection (PSNR) = 20log10(Vnoise (on VCC) / ∆VOUT). VOUT is the voltage across the 15Ω load when IN+
is high.
Note 5: The minimum required voltage at the OUT+ and OUT- pins is +0.75V.
Note 6: Guaranteed by design and characterization.
Note 7: Tested with 00001111 pattern at 622Mbps.
Note 8: DJ includes pulse-width distortion (PWD).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
APC Loop Time Constant
CAPC_FILT = 0.01µF, ∆IMD / ∆IBIAS = 1/70
3.3
µs
APC Setting Stability
(Note 6)
±100
±480
ppm/
°C
APC Setting Accuracy
TA = +25°C
±15
%
IMOD Compensation-Setting
Range by Bias
KK =
∆IMOD / ∆IBIAS
0
1.5
mA/mA
IMOD Compensation-Setting
Range by Temperature
TC
TC =
∆IMOD / ∆T (Note 6)
0
1.0
mA/
°C
Threshold-Setting Range for
Temperature Compensation
TTH
(Note 6)
+10
+60
°C
LASER SAFETY AND CONTROL
Bias and Modulation Turn-Off
Delay
CAPC_FILT = 0.01µF, ∆IMD / ∆IBIAS = 1/80
(Note 6)
5µs
Bias and Modulation Turn-On
Delay
CAPC_FILT = 0.01µF, ∆IMD / ∆IBIAS = 1/80
(Note 6)
600
µs
Threshold Voltage at Monitor Pins
VREF
Figure 5
1.14
1.3
1.39
V
INTERFACE SIGNALS
TX_DISABLE Input High
VHI
2.0
V
TX_DISABLE Input Low
VLO
RPULL = 45kΩ (typical)
0.8
V
VHI = VCC
15
TX_DISABLE Input Current
VLO = GND
-70
-140
µA
TX_FAULT Output Low
Sinking 1mA, open collector
0.4
V
Shutdown Output High
Sourcing 100µA
VCC - 0.4
V
Shutdown Output Low
Sinking 100µA
0.4
V
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.97V to +3.63V, TA = -40°C to +85°C. Typical values are at VCC = +3.3V, IBIAS = 60mA, IMOD = 60mA, TA = +25°C, unless
otherwise noted.) (Notes 1, 2)


Similar Part No. - MAX3646ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3646ETG MAXIM-MAX3646ETG Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
MAX3646ETGT MAXIM-MAX3646ETGT Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
More results

Similar Description - MAX3646ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3646 MAXIM-MAX3646_11 Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
MAX3738 MAXIM-MAX3738_08 Datasheet
362Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 12/08
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3737 MAXIM-MAX3737 Datasheet
920Kb / 17P
   Multirate Laser Driver with Extinction Ratio Control
19-2818; Rev 1; 8/03
MAX3737 MAXIM-MAX3737_11 Datasheet
509Kb / 16P
   Multirate Laser Driver with Extinction Ratio Control 100mA Bias Current
Rev 3; 6/11
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com