Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4949 Datasheet(PDF) 3 Page - ON Semiconductor

Part # L4949
Description  MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

L4949 Datasheet(HTML) 3 Page - ON Semiconductor

  L4949 Datasheet HTML 1Page - ON Semiconductor L4949 Datasheet HTML 2Page - ON Semiconductor L4949 Datasheet HTML 3Page - ON Semiconductor L4949 Datasheet HTML 4Page - ON Semiconductor L4949 Datasheet HTML 5Page - ON Semiconductor L4949 Datasheet HTML 6Page - ON Semiconductor L4949 Datasheet HTML 7Page - ON Semiconductor L4949 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
L4949
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 14 V, –40°C < TJ < 125°C, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Symbol
RESET
Reset Threshold Voltage
VResth
Vout – 0.5
V
Reset Threshold Hysteresis
VResth,hys
mV
@ TJ = 25°C
50
100
200
@ TJ = –40 to +125°C
50
300
Reset Pulse Delay (CT = 100 nF, tR ≥ 100 µs)
tResD
55
100
180
ms
Reset Reaction Time (CT = 100 nF)
tResR
5.0
30
µs
Reset Output Low Voltage (RReset = 10 kΩ to Vout, VCC ≥ 3.0 V)
VResL
0.4
V
Reset Output High Leakage Current (VReset = 5.0 V)
IResH
1.0
µA
Delay Comparator Threshold
VCTth
2.0
V
Delay Comparator Threshold Hysteresis
VCTth, hys
100
mV
SENSE
Sense Low Threshold (VSI Decreasing = 1.5 V to 1.0 V)
VSOth
1.16
1.23
1.35
V
Sense Threshold Hysteresis
VSOth,hys
20
100
200
mV
Sense Output Low Voltage
VSOL
0.4
V
(VSI ≤ 1.16 V, VCC ≥ 3.0 V, RSO = 10 kΩ to Vout)
Sense Output Leakage (VSO = 5.0 V, VSI ≥ 1.5 V)
ISOH
1.0
µA
Sense Input Current
ISI
–1.0
0.1
1.0
µA
PREREGULATOR
Preregulator Output Voltage (IZ = 10 µA)
VZ
6.3
V
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description
1
VCC
Supply Voltage
2
Si
Input of Sense Comparator
3
VZ
Output of Preregulator
4
CT
Reset Delay Capacitor
5
Gnd
Ground
6
Reset
Output of Reset Comparator
7
SO
Output of Sense Comparator
8
Vout
Main Regulator Output
4.96
4.98
5.0
5.02
5.04
–40
–20
0
40
60
20
100
120
TJ, JUNCTION TEMPERATURE (°C)
80
VCC = 14 V
Iout = 1.0 mA
0
2.0
3.0
4.0
6.0
010
VCC, SUPPLY VOLTAGE (V)
1.0
1.0
TJ = 25°C
RL = 100 Ω
RL = 5.0 k
5.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Figure 1. Output Voltage versus
Junction Temperature
Figure 2. Output Voltage versus
Supply Voltage
TYPICAL CHARACTERIZATION CURVES


Similar Part No. - L4949

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
L4949 MOTOROLA-L4949 Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
L4949 ONSEMI-L4949 Datasheet
116Kb / 10P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
L4949 ONSEMI-L4949 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Motorola, Inc
L4949D MOTOROLA-L4949D Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
L4949D ONSEMI-L4949D Datasheet
116Kb / 10P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
More results

Similar Description - L4949

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
L4949 MOTOROLA-L4949 Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
TelCom Semiconductor, I...
TC4949 TELCOM-TC4949 Datasheet
352Kb / 9P
   Multifunction Very Low Dropout Voltage Regulator
logo
STMicroelectronics
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
   Multifunction very low drop voltage regulator
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
STMicroelectronics
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
   Multifunction very low drop voltage regulator
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
   Multifunction very low drop voltage regulator
November 2009 Rev 1
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
ON Semiconductor
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
NCP706B ONSEMI-NCP706B_16 Datasheet
205Kb / 10P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3
NCP706 ONSEMI-NCP706_17 Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com