Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AL008D55TFNR11 Datasheet(PDF) 3 Page - SPANSION

Part # S29AL008D55TFNR11
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D55TFNR11 Datasheet(HTML) 3 Page - SPANSION

  S29AL008D55TFNR11 Datasheet HTML 1Page - SPANSION S29AL008D55TFNR11 Datasheet HTML 2Page - SPANSION S29AL008D55TFNR11 Datasheet HTML 3Page - SPANSION S29AL008D55TFNR11 Datasheet HTML 4Page - SPANSION S29AL008D55TFNR11 Datasheet HTML 5Page - SPANSION S29AL008D55TFNR11 Datasheet HTML 6Page - SPANSION S29AL008D55TFNR11 Datasheet HTML 7Page - SPANSION S29AL008D55TFNR11 Datasheet HTML 8Page - SPANSION S29AL008D55TFNR11 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
June 16, 2005 S29AL008D_00A3
S29AL008D
3
Da t a
S h ee t
General Description
The S29AL008D is an 8 Mbit, 3.0 volt-only Flash memory organized as 1,048,576
bytes or 524,288 words. The device is offered in 48-ball FBGA, 44-pin SO, and
48-pin TSOP packages. For more information, refer to publication number 21536.
The word-wide data (x16) appears on DQ15–DQ0; the byte-wide (x8) data ap-
pears on DQ7–DQ0. This device requires only a single, 3.0 volt VCC supply to
perform read, program, and erase operations. A standard EPROM programmer
can also be used to program and erase the device.
This device is manufactured using Spansion’s 200nm process technology, and of-
fers all the features and benefits of the Am29LV800B, which was manufactured
using 0.32 µm process technology.
The standard device offers access times of 70, 90, and 120 ns, allowing high
speed microprocessors to operate without wait states. To eliminate bus conten-
tion the device contains separate chip enable (CE#), write enable (WE#) and
output enable (OE#) controls.
The device requires only a single 3.0 volt power supply for both read and write
functions. Internally generated and regulated voltages are provided for the pro-
gram and erase operations.
The device is entirely command set compatible with the JEDEC single-power-
supply Flash standard. Commands are written to the command register using
standard microprocessor write timings. Register contents serve as input to an in-
ternal state-machine that controls the erase and programming circuitry. Write
cycles also internally latch addresses and data needed for the programming and
erase operations. Reading data out of the device is similar to reading from other
Flash or EPROM devices.
Device programming occurs by executing the program command sequence. This
initiates the Embedded Program algorithm—an internal algorithm that auto-
matically times the program pulse widths and verifies proper cell margin. The
Unlock Bypass mode facilitates faster programming times by requiring only two
write cycles to program data instead of four.
Device erasure occurs by executing the erase command sequence. This initiates
the Embedded Erase algorithm—an internal algorithm that automatically
preprograms the array (if it is not already programmed) before executing the
erase operation. During erase, the device automatically times the erase pulse
widths and verifies proper cell margin.
The host system can detect whether a program or erase operation is complete by
observing the RY/BY# pin, or by reading the DQ7 (Data# Polling) and DQ6 (tog-
gle) status bits. After a program or erase cycle is completed, the device is ready
to read array data or accept another command.
The sector erase architecture allows memory sectors to be erased and repro-
grammed without affecting the data contents of other sectors. The device is fully
erased when shipped from the factory.
Hardware data protection measures include a low VCC detector that automat-
ically inhibits write operations during power transitions. The hardware sector
protection feature disables both program and erase operations in any combina-
tion of the sectors of memory. This can be achieved in-system or via
programming equipment.


Similar Part No. - S29AL008D55TFNR11

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL008D55TFNR11

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com