Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P308 Datasheet(PDF) 7 Page - NEC

Part # UPD75P308
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P308 Datasheet(HTML) 7 Page - NEC

Back Button UPD75P308 Datasheet HTML 3Page - NEC UPD75P308 Datasheet HTML 4Page - NEC UPD75P308 Datasheet HTML 5Page - NEC UPD75P308 Datasheet HTML 6Page - NEC UPD75P308 Datasheet HTML 7Page - NEC UPD75P308 Datasheet HTML 8Page - NEC UPD75P308 Datasheet HTML 9Page - NEC UPD75P308 Datasheet HTML 10Page - NEC UPD75P308 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
µPD75P316A
Input
output
Input/output
Input/output
Input/output
Input/output
Input/output
Input
Input
Input
Input/output
Input/output
Input
Input
Input
Input/output
TI0
PTO0
PCL
BUZ
SCK
SO/SB0
SI/SB1
INT4
INT0
INT1
INT2
KR0 to KR3
KR4 to KR7
X1, X2
XT1, XT2
RESET
MD0 to MD3
VPP
VDD
VSS
1.2
OTHER PINS
Input
Input
Input
Input
Input
Input
Input
Input
Input
External event pulse input pin for timer/event counter.
Timer/event counter output pin
Clock output pin
Fixed frequency output pin (for buzzer or system clock
trimming)
Serial clock input/output pin
Serial data output pin
Serial bus input/output pin
Serial data input pin
Serial bus input/output pin
Edge-detected vectored interrupt input pin (rising or falling
edge detection).
Edge-detected vectored interrupt input pin (detection edge
selectable)
Edge-detected testable input pin (rising edge detection)
Testable Input/output pins (parallel falling edge detection)
Testable Input/output pins (parallel falling edge detection)
Main system clock oscillation crystal/ceramic connection
pins. When an external clock is used, the clock is input to
X1 and the inverted clock to X2.
Subsystem clock oscillation crystal connection pins
When an external clock is used, the clock is input to XT1 and
the inverted clock to XT2. XT1 can be used as a 1-bit input
(test) pin.
System reset input pin (low-level active).
Mode selection pin for program memory (PROM) write/
verify.
Program voltage application pin for program memory (PROM)
write/verify . Connected to V
DD in normal operation. Applies
+12.5 V in program memory write/verify.
Positive power supply pin
GND potential pin
Dual-
Function Pin
P13
P20
P22
P23
P01
P02
P03
P00
P10
P11
P12
P60 to P63
P70 to P73
P30 to P33
Pin Name
Input/Output
Function
After Reset
I/O Circuit
Type *1
B - C
E - B
E - B
E - B
F - A
F - B
M - C
B
B - C
B - C
F - A
F - A
B
E - B
S0 to S23
S24 to S31
COM0 to COM3
VLC0 to VLC2
BIAS
LCDCL*2
SYNC*2
Output
Output
Output
Input/output
Input/output
BP0 to 7
P30
P31
Segment signal output pins
Segment signal output pins
Common signal output pins
LCD drive power supply pins
External split cutting output pin
External extension driver drive clock output pin
External extension driver synchronization clock output pin
*3
*3
*3
High impedance
Input
Input
G - A
G - C
G - B
E - B
E - B


Similar Part No. - UPD75P308

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
3Mb / 71P
   4-Bit, Single-Chip Microcontrollers With LCD Controller/Driver
logo
Renesas Technology Corp
UPD75P308 RENESAS-UPD75P308 Datasheet
440Kb / 36P
   MOS INTEGRATED CIRCUIT
1989
logo
NEC
UPD75P308GF NEC-UPD75P308GF Datasheet
3Mb / 71P
   4-Bit, Single-Chip Microcontrollers With LCD Controller/Driver
UPD75P308GF-001-3B9 NEC-UPD75P308GF-001-3B9 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
More results

Similar Description - UPD75P308

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com