Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC305-1N Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC305-1N
Description  OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC305-1N Datasheet(HTML) 5 Page - Texas Instruments

  CDC305-1N Datasheet HTML 1Page - Texas Instruments CDC305-1N Datasheet HTML 2Page - Texas Instruments CDC305-1N Datasheet HTML 3Page - Texas Instruments CDC305-1N Datasheet HTML 4Page - Texas Instruments CDC305-1N Datasheet HTML 5Page - Texas Instruments CDC305-1N Datasheet HTML 6Page - Texas Instruments CDC305-1N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CDC305
OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
SCAS326A – JUNE 1990 – REVISED NOVEMBER 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CLK
Q1
CLR, PRE
1
0
tPHL1
tPHL2
tPHL3
tPHL4
tPLH1
tPLH2
tPLH3
tPLH4
tPHL7
tPLH7
tPHL8
tPLH8
Q2
Q3
Q4
Q7
Q8
tPHL5
tPLH5
tPHL6
tPLH6
Q5
Q6
NOTES: A. tsk(o) CLK to Q are calculated as the greater of:
– The difference between the fastest and slowest of tPLHn (n = 1, 2, 3, 4)
– The difference between the fastest and slowest of tPHLn (n = 1, 2, 3, 4)
B. tsk(o) CLK to Q are calculated as the greater of:
– The difference between the fastest and slowest of tPLHn (n = 5, 6, 7, 8)
– The difference between the fastest and slowest of tPHLn (n = 5, 6, 7, 8)
C. tsk(o) CLK to Q and Q are calculated as the greater of:
– The difference between the fastest and slowest of tPLHn (n = 1, 2, 3, 4), tPHLn (n = 5, 6, 7, 8)
– The difference between the fastest and slowest of tPHLn (n = 1, 2, 3, 4), tPLHn (n = 5, 6, 7, 8)
D. tsk(p) is calculated as the greater of | tPLHn – tPHLn | (n = 1, 2, 3, ..., 8).
Figure 2. Waveforms for Calculation of tsk(o) and tsk(p)


Similar Part No. - CDC305-1N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC303 TI-CDC303 Datasheet
112Kb / 1P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
CDC304 TI-CDC304 Datasheet
88Kb / 6P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
CDC304 TI1-CDC304 Datasheet
96Kb / 6P
[Old version datasheet]   Octal Divide By 2 Circuit/Clock Driver
CDC304D TI1-CDC304D Datasheet
96Kb / 6P
[Old version datasheet]   Octal Divide By 2 Circuit/Clock Driver
CDC304DR TI1-CDC304DR Datasheet
96Kb / 6P
[Old version datasheet]   Octal Divide By 2 Circuit/Clock Driver
More results

Similar Description - CDC305-1N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC303 TI-CDC303 Datasheet
112Kb / 1P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
SN74AS305 TI1-SN74AS305 Datasheet
180Kb / 7P
[Old version datasheet]   OCTAL DIVIDE-BY-2-CIRCUIT / CLOCK DRIVER
CDC304 TI1-CDC304_09 Datasheet
96Kb / 6P
[Old version datasheet]   Octal Divide By 2 Circuit/Clock Driver
CDC304 TI-CDC304 Datasheet
88Kb / 6P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
SN74AS303 TI1-SN74AS303 Datasheet
174Kb / 7P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUIT/CLOCK DRIVER
logo
National Semiconductor ...
CGS74B303 NSC-CGS74B303 Datasheet
117Kb / 6P
   Octal Divide-by-2 Skew Clock Driver
logo
Texas Instruments
SN74AS304 TI1-SN74AS304 Datasheet
171Kb / 7P
[Old version datasheet]   OCTAL DIVIDE-BY-2 CIRCUITS/CLOCK DRIVERS
logo
Hittite Microwave Corpo...
HMC791LC4B HITTITE-HMC791LC4B_10 Datasheet
738Kb / 10P
   28 GHz CLOCK DIVIDE-BY-2 / DIVIDE-BY-4
logo
Maxim Integrated Produc...
MAX9322 MAXIM-MAX9322 Datasheet
220Kb / 13P
   LVECL/LVPECL 1:15 Differential Divide-by-1/Divide-by-2 Clock Driver
Rev 1; 12/02
MAX9322 MAXIM-MAX9322_V01 Datasheet
194Kb / 13P
   LVECL/LVPECL 1:15 Differential Divide-by-1/Divide-by-2 Clock Driver
19-2544; Rev 2; 2/07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com