Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9089903MTX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 5962-9089903MTX
Description  MICROCIRCUIT, MEMORY, DIGITAA, CMOS, 128K X 8 BIT FLASH EEPROM, MONOLITHIC SILICON
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-9089903MTX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 5962-9089903MTX Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-9089903MTX Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-9089903MTX Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-9089903MTX Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-9089903MTX Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-9089903MTX Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-9089903MTX Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962-9089903MTX Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962-9089903MTX Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
STANDARD
MICROCIRCUIT DRAWING
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
SIZE
A
5962-90899
REVISION LEVEL
C
SHEET
8
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics - Continued.
Test
Symbol
Conditions
-55
C  T  +125C 1/
C
4.5 V
 V
 5.5 V
CC
unless otherwise specified
Group A
Subgroups
Device
type
Limits
Units
Min
Max
CAPACITANCE 2/
Input capacitance
CIN1
V
= 0 V, T
= 25
C,
IN
A
f = 1.0 Mhz, see 4.4.1c
4
All
10
pF
Output capacitance
COUT
V
= 0 V, T
= 25
C,
OUT
A
f = 1.0 Mhz, see 4.4.1c
4
All
12
pF
V
input capacitance
PP
CIN2
V
= 0 V, T
= 25
C,
IN
A
f = 1.0 Mhz, see 4.4.1c
4
All
12
pF
AC CHARACTERISTICS - READ ONLY OPERATIONS (See figure 5 as applicable.)
Read cycle time
tAVAV
2/
9, 10, 11
01,05,10
02,06,11
03,07,12
04,08,13
09
250
200
150
120
90
ns
Chip enable access
time
tELQV
9, 10, 11
01,05,10
02,06,11
03,07,12
04,08,13
09
250
200
150
120
90
ns
Address access
time
tAVQV
9, 10, 11
01,05,10
02,06,11
03,07,12
04,08,13
09
250
200
150
120
90
ns
See footnotes at end of table.


Similar Part No. - 5962-9089903MTX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9089401MEA AD-5962-9089401MEA Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
5962-9089401MEA AD-5962-9089401MEA Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
5962-9089401MEA AD-5962-9089401MEA Datasheet
560Kb / 15P
   Software Programmable Gain Amplifier
5962-9089401MEA AD-5962-9089401MEA Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
logo
Texas Instruments
5962-9089501M2A TI-5962-9089501M2A Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Similar Description - 5962-9089903MTX

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com