Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9089906QYA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 5962-9089906QYA
Description  MICROCIRCUIT, MEMORY, DIGITAA, CMOS, 128K X 8 BIT FLASH EEPROM, MONOLITHIC SILICON
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-9089906QYA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 5962-9089906QYA Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-9089906QYA Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-9089906QYA Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-9089906QYA Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-9089906QYA Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-9089906QYA Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-9089906QYA Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-9089906QYA Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962-9089906QYA Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
STANDARD
MICROCIRCUIT DRAWING
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
SIZE
A
5962-90899
REVISION LEVEL
C
SHEET
7
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics - Continued.
Test
Symbol
Conditions
-55
C  T  +125C 1/
C
4.5 V
 V
 5.5 V
CC
unless otherwise specified
Group A
Subgroups
Device
type
Limits
Units
Min
Max
DC CHARACTERISTICS - Continued
V
erase current
PP
IPP3
V
= V
erasure in progress
PP
PPH
1, 2, 3
All
30 2/
mA
Low level input
voltage
VIL
1, 2, 3
All
-0.5 2/
0.8
V
High level input
voltage (TTL)
VIH1
1, 2, 3
All
2.0
V
+ 0.5
CC
2/
V
High level input
voltage (CMOS)
VIH2
1, 2, 3
All
0.7 VCC V
+ 0.5
CC
2/
V
Low level output
voltage
VOL
I
= 2.1 mA, V
= V
min
OL
CC
CC
1, 2, 3
All
0.45
V
High level output
voltage (TTL)
VOH1
I
= -2.5 mA, V
= V
min
OH
CC
CC
1, 2, 3
All
2.4
V
High level output
voltage (CMOS)
VOH2
I
= -2.5 mA, V
= V
min
OH
CC
CC
1, 2, 3
All
0.85 VCC
V
VOH3
I
= -100 µA, V
= V
min
OH
CC
CC
V
- 0.4
CC
2/
V
A9 auto select
voltage
VID
A9 = VID
1, 2, 3
All
11.5
13.0
V
A9 auto select
current
IID
A9 = V
max, V
= V
max
ID
CC
CC
1, 2, 3
All
500 2/
µA
V
during read
PP
only operations
VPPL
NOTE: erase/program are
inhibited when V
= V
PP
PPL
1, 2, 3
All
0
V
+ 2.0
CC
2/
V
V
during read/write
PP
operations
VPPH
1, 2, 3
All
11.4
12.6
V
Functional tests
See 4.4.1d
7, 8A, 8B
All
See footnotes at end of table.


Similar Part No. - 5962-9089906QYA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9089401MEA AD-5962-9089401MEA Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
5962-9089401MEA AD-5962-9089401MEA Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
5962-9089401MEA AD-5962-9089401MEA Datasheet
560Kb / 15P
   Software Programmable Gain Amplifier
5962-9089401MEA AD-5962-9089401MEA Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
logo
Texas Instruments
5962-9089501M2A TI-5962-9089501M2A Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Similar Description - 5962-9089906QYA

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com