Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS3F Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HS3F
Description  3.0 AMPS. High Efficient Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS3F Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HS3F Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS3F Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 253 -
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (HS3A THRU HS3M)
FIG.2- MAXIMUM FORWARD CURRENT
DERATING CURVE
25
50
75
100 125 150 175
0.5
0
1.5
1.0
2.0
2.5
3.0
AMBIENT TEMPERATURE. ( C)
o
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
1
10
100
1000
0
100
300
200
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
.2
.4
.6
.8
1.0
1.2
1.4
0.01
0.1
1.0
10
100
FORWARD VOLTAGE. (V)
Tj=25 C
0
FIG.6- TYPICAL JUNCTION CAPACITANCE
.1
.5
15
2
10
20
50
100 200
500
1000
25
50
75
100
125
150
175
REVERSE VOLTAGE. (V)
HS3A-HS3G
HS3J-HS3M
FIG.3- TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100
120
.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=100 C
0
P.C.B.MOUNTED
0.6X0.6"(16X16mm)
COPPER PAD AREAS


Similar Part No. - HS3F

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS3F TSC-HS3F Datasheet
238Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
GOOD-ARK Electronics
HS3F GOOD-ARK-HS3F Datasheet
193Kb / 2P
   High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Taiwan Semiconductor Co...
HS3F TSC-HS3F Datasheet
434Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
HS3F TSC-HS3F Datasheet
201Kb / 2P
   3.0AMPS High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS3F LUGUANG-HS3F Datasheet
225Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
More results

Similar Description - HS3F

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS3AB TSC-HS3AB Datasheet
249Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS3A LUGUANG-HS3A Datasheet
225Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
HS3AB LUGUANG-HS3AB Datasheet
243Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
HS3A TSC-HS3A_1 Datasheet
238Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
HS3A TSC-HS3A_10 Datasheet
434Kb / 2P
   3.0 AMPS. High Efficient Surface Mount Rectifiers
HER301 TSC-HER301_1 Datasheet
269Kb / 2P
   3.0 AMPS. High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER301-UF5400 YANGJIE-HER301-UF5400 Datasheet
315Kb / 2P
   3.0 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HER301 TSC-HER301 Datasheet
70Kb / 2P
   3.0 AMPS. High Efficient Rectifiers
logo
Daya Electric Group Co....
HER301 DAYA-HER301 Datasheet
290Kb / 2P
   3.0 AMPS. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER301 TSC-HER301_10 Datasheet
566Kb / 2P
   3.0 AMPS. High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com