Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9089908QXA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 5962-9089908QXA
Description  MICROCIRCUIT, MEMORY, DIGITAA, CMOS, 128K X 8 BIT FLASH EEPROM, MONOLITHIC SILICON
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-9089908QXA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  5962-9089908QXA Datasheet HTML 1Page - List of Unclassifed Manufacturers 5962-9089908QXA Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962-9089908QXA Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-9089908QXA Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-9089908QXA Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-9089908QXA Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-9089908QXA Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-9089908QXA Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-9089908QXA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
STANDARD
MICROCIRCUIT DRAWING
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
SIZE
A
5962-90899
REVISION LEVEL
C
SHEET
3
DSCC FORM 2234
APR 97
1.2.5 Lead finish. The lead finish is as specified in MIL-PRF-38535 for device classes Q and V or MIL-PRF-38535, appendix
A for device class M.
1.3 Absolute maximum ratings. 1/
Endurance:
Device types 01-04, 09 ..................................... 10,000 cycles/byte, minimum
Device types 05-08 ........................................ 1,000 cycles/byte, minimum
Device types 10-13 ........................................ 100,000 cycles/byte, minimum
Supply voltage range (V
) 2/ ................................ -2.0 V dc to +7.0 V dc
CC
Storage temperature range (T
) .............................. -65
C to +150C
stg
Maximum power dissipation (P ) .............................. 1.0 W
D
Lead temperature (soldering, 10 seconds) ....................... +300
C
Junction temperature (T ) 3/ ................................. +150
C
J
Thermal resistance, junction-to-case (
 ) (case outline X, Y) ...... See MIL-STD-1835
JC
Thermal resistance, junction-to-case (
 ) (case outlines T, Z) ...... 13C/W
JC
Thermal resistance, junction-to-case (
 ) (case outline U) ......... 27C/W
JC
Voltage on any pin with respect to ground 2/ ..................... -2.0 V dc to +7.0 V dc
Voltage on pin A with respect to ground 4/ ..................... -2.0 V dc to +13.5 V dc
9
V
supply voltage with respect to ground 4/ .................... -2.0 V dc to +14.0 V dc
PP
V
supply voltage with respect to ground 2/ .................... -2.0 V dc to +7.0 V dc
CC
Output short circuit current 5/ ................................. 200 mA
Data retention ............................................. 10 years minimum
1.4 Recommended operating conditions. 6/
Supply voltage range (V
) .................................. +4.5 V dc to +5.5 V dc
CC
Operating temperature range (T
) ........................... -55
C to +125C
case
Low level input voltage range (V ) ............................. -0.5 V dc to +0.8 V dc
IL
High level input voltage range (V
) ............................ +2.0 V dc to V
+0.5 V dc
IH
CC
High level input voltage range, CMOS (V
) ...................... V
-0.5 V dc to V
+0.5 V dc
IH
CC
CC
Chip clear (V ) ............................................. 11.4 V dc to 12.6 V dc
P
1.5 Digital logic testing for device classes Q and V.
Fault coverage measurement of manufacturing
logic tests (MIL-STD-883, test method 5012) .................... 100 percent
1/ Stresses above the absolute maximum rating may cause permanent damage to the device. Extended operation at the
maximum levels may degrade performance and affect reliability.
2/ Minimum dc voltage on input or V
pins is -0.5 V. During voltage transitions, inputs may overshoot V
to -2.0 V for
OSS
periods of up to 20 ns. Maximum dc voltage on output and V
pins is V
+0.5 V. During voltage transitions outputs
OCC
may overshoot to V
+2.0 V for periods up to 20 ns.
CC
3/ Maximum junction temperature shall not be exceeded except for allowable short duration burn-in screening conditions in
accordance with method 5004 of MIL-STD-883.
4/ Minimum dc input voltage on A or V
may overshoot to +14.0 V for periods less than 20 ns.
9PP
5/ No more than one output shorted at a time. Duration of short circuit should not be greater than 1 second.
6/ All voltages are referenced to V
(ground).
SS


Similar Part No. - 5962-9089908QXA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9089401MEA AD-5962-9089401MEA Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
5962-9089401MEA AD-5962-9089401MEA Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
5962-9089401MEA AD-5962-9089401MEA Datasheet
560Kb / 15P
   Software Programmable Gain Amplifier
5962-9089401MEA AD-5962-9089401MEA Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
logo
Texas Instruments
5962-9089501M2A TI-5962-9089501M2A Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Similar Description - 5962-9089908QXA

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com