Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7119 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU7119
Description  LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7119 Datasheet(HTML) 4 Page - New Japan Radio

  NJU7119 Datasheet HTML 1Page - New Japan Radio NJU7119 Datasheet HTML 2Page - New Japan Radio NJU7119 Datasheet HTML 3Page - New Japan Radio NJU7119 Datasheet HTML 4Page - New Japan Radio NJU7119 Datasheet HTML 5Page - New Japan Radio NJU7119 Datasheet HTML 6Page - New Japan Radio NJU7119 Datasheet HTML 7Page - New Japan Radio NJU7119 Datasheet HTML 8Page - New Japan Radio NJU7119 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
( 4 )
NJU7119
s
TYPICAL CHARACTERISTICS
Operating Current vs. Operating Voltage
0
20
40
60
80
100
120
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Operating Voltage [V]
Ta=25°C
Operating Current vs. Operating Voltage
0
20
40
60
80
100
120
140
160
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Operating Voltage [V]
Ta=-40°
25°C
85°C
Operating Current vs. Ambient Temperature
40
50
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
VDD=5.5V
VDD=3.0
VDD=1.8V
Input Offset Voltage vs. Operating Voltage
-5
0
5
10
15
11.5
22.5
3
3.5
4
4.5
55.5
Operating Voltage [V]
Ta=25°C
Input Offset Voltage vs. Operating Voltage
-5
0
5
10
15
11.522.5
3
3.544.555.5
Operating Voltage [V]
Ta=-40°C
25°C
85°C
Input Offset Voltage vs. Ambient Temperature
-5
-4
-3
-2
-1
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
VDD=3.0V
VDD=1.8V
VDD=5.5V


Similar Part No. - NJU7119

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7112A NJRC-NJU7112A Datasheet
146Kb / 4P
   C-MOS COMPARATOR WITH OPEN DRAIN OUTPUT?
NJU7112AD NJRC-NJU7112AD Datasheet
146Kb / 4P
   C-MOS COMPARATOR WITH OPEN DRAIN OUTPUT?
NJU7112AM NJRC-NJU7112AM Datasheet
146Kb / 4P
   C-MOS COMPARATOR WITH OPEN DRAIN OUTPUT?
NJU7114A NJRC-NJU7114A Datasheet
146Kb / 4P
   C-MOS COMPARATOR WITH OPEN DRAIN OUTPUT?
NJU7114AD NJRC-NJU7114AD Datasheet
146Kb / 4P
   C-MOS COMPARATOR WITH OPEN DRAIN OUTPUT?
More results

Similar Description - NJU7119

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7109 NJRC-NJU7109 Datasheet
176Kb / 7P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7109F3-TE1 NJRC-NJU7109F3-TE1 Datasheet
149Kb / 8P
   LOW POWER SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7108 NJRC-NJU7108 Datasheet
60Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
NJU7118 NJRC-NJU7118 Datasheet
64Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
2003/07/16
logo
Nippon Precision Circui...
NJU7118 NPC-NJU7118 Datasheet
75Kb / 3P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPALATOR
logo
New Japan Radio
NJU7008 NJRC-NJU7008 Datasheet
80Kb / 4P
   LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7116 NJRC-NJU7116 Datasheet
76Kb / 3P
   SUPER LOW OPERATING CURRENT AND LOW OFFSET VOLTAGE TINY SINGLE C-MOS COMPARATOR
NJU7142 NJRC-NJU7142 Datasheet
159Kb / 4P
   LOW-VOLTAGE OPERATION TINY SINGLE C-MOS COMPARATOR?
NJU7141 NJRC-NJU7141 Datasheet
70Kb / 3P
   LOW-VOLTAGE OPERATION TINY SINGLE C-MOS COMPARATOR
NJU7102A NJRC-NJU7102A Datasheet
128Kb / 4P
   C-MOS COMPARATOR WITH C-MOS OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com