Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89S16R1 Datasheet(PDF) 1 Page - SyncMOS Technologies,Inc

Part # SM89S16R1
Description  8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89S16R1 Datasheet(HTML) 1 Page - SyncMOS Technologies,Inc

  SM89S16R1 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SyncMOS Technologies Inc.
SM89S16R1
8-Bits Micro-controller
With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
SM89S16R1 V1.0 JANUARY 2005
1
Product List
SM89S16R1L25, 25MHz 64KB internal flash MCU
SM89S16R1C25, 25MHz 64KB internal flash MCU
SM89S16R1C40, 40MHz 64KB internal flash MCU
General Description
The SM89S16R1 is a single-chip 8-bits micro-
controller manufactured in an advanced CMOS
process with on chip flash memory. It supports a
derivative of the 80C51 microcontroller family.
The SM89S16R1 has the same instructions set as
the 80C51.
The SM89S16R1 contains a 64K x 8 bits on chip
program flash, a volatile 1024 x 8 bits data RAM,
four 8-bits I/O ports, one 4-bits I/O port, two
16-bits timer/event counters, and an additional
16-bits timer coupled to capture and compare
latches, a two-priority-level, nested interrupt
structure, two PWM clock outputs, one serial
interfaces (UART bus). For system that requires
extra capability the SM89S16R1 can be expanded
using standard TTL and LVTTL compatible
memory and logic.
In addition, The SM89S16R1 has two software
selectable modes of power saving – IDLE mode
and POWER-DOWN mode. The IDLE mode
freezes the CPU while allowing the RAM, timer,
serial ports, and interrupt system to continue
functioning. The POWER-DOWN mode saves the
RAM contents but freezes the oscillator, causing all
other chip functions to be inoperative.
Ordering Information
SM89S16R1ihhk
yymmv
i: process identifier {L=3.0V~3.6V,C=4.5V~ 5.5V}
hh: working clock in MHz {25, 40}
k: package type postfix {as below table}
yy: year mm: month
v: version identifier { , A, B, ...}
Feature
Working Voltage: 3.3V or 5.0V.
80C51 Central Processor Unit (CPU).
64K x 8 bits on chip flash memory.
1024 x 8 bits RAM, expandable externally to
64KB.
Two standard 16-bits timers/counters
An additional 16-bits timer/counter coupled to
a capture and compare register.
Two 8-bits / 5-bits resolution
Pulse-Width-Modulation (PWM) outputs
Four 8-bits I/O ports.(For PDIP package)
Four 8-bits I/O ports plus one 4-bits I/O port.
(For PLCC or QFP package)
Full-duplex UART
8 interrupt sources with 2 priority levels
Extended temperature range (-40℃ to +85℃)
Software enable/disable ALE output pulse
Wake-up from POWER-DOWN mode by
INT0/INT1, RTCI or H/W RESET.
RTC (Real Time Clock) function.
Four channels 6-bits Analog to Digital
Converter (ADC).
Taiwan
4F, No. 1 Creation Road 1,
Science-based Industrial Park,
Hsinchu, Taiwan 30077
TEL: 886-3-578-3344 #2667
886-3-579-2987
FAX: 886-3-5792960
886-3-5780493


Similar Part No. - SM89S16R1

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89S16R1C25 SYNCMOS-SM89S16R1C25 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89S16R1C40 SYNCMOS-SM89S16R1C40 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89S16R1L25 SYNCMOS-SM89S16R1L25 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
More results

Similar Description - SM89S16R1

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com