Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM89S16R1L25 Datasheet(PDF) 9 Page - SyncMOS Technologies,Inc

Part # SM89S16R1L25
Description  8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89S16R1L25 Datasheet(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM89S16R1L25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89S16R1L25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89S16R1L25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89S16R1L25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89S16R1L25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89S16R1L25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89S16R1L25 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM89S16R1L25 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM89S16R1L25 Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SyncMOS Technologies Inc.
SM89S16R1
8-Bits Micro-controller
With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
SM89S16R1 V1.0 JANUARY 2005
9
VIL1
Input LOW voltage, P0, P1, P2, P3, P4, /EA
VCC = 3.6V
0
0.2 VCC -0.2
V
VIL2
Input LOW voltage, RST
VCC = 3.6V
0
0.2 VCC -0.2
V
VIL3
Input LOW voltage, XTAL1
VCC = 3.6V
0
0.2 VCC -0.2
V
VIH1
Input HIGH voltage, P0, P1, P2, P3, P4, /EA
VCC = 3.6V
0.6 VCC
-0.4
VCC + 0.2
V
VIH2
Input HIGH voltage, RST
VCC = 3.6V
0.6 VCC
-0.4
VCC + 0.2
V
VIH3
Input HIGH voltage, XTAL1
VCC = 3.6V
0.8 VCC
VCC + 0.2
V
IIN1
Input current LOW level Port 1,2,3,4
VCC = 3.0V ~3.6V,
VIN = 0.45V.
-10
50
µA
ITL
Transition current High to Low Port 1,2,3,4
See note 4
VCC = 3.6V, VIN = 2.0 V
-75
400
µA
ILI
Input leakage current P0, /EA
VCC = 3.0V ~3.6V,
0.45V<VIN<VCC
-10
10
µA
OUTPUT
VOL1
Output LOW voltage, Port 0,ALE, /PSEN
IOL = 6mA,VCC =3.3V
0.4
V
VOL2
Output Low voltage Port 1,2,3,4
IOL = 5mA,VCC =3.3V
0.4
V
VOH1
Output High voltage Port0, ALE, /PSEN
IOH =-300uA,VCC =3.3V
2.4
V
VOH2
Output High voltage Port 1,2,3,4
IOH =-20
µA,VCC =3.3V
2.4
V
ISK1
Sink Current Port 1, 2, 3, 4
VCC = 3.3V, VIN = 0.4 V
6
mA
ISK2
Sink Current Port 0,ALE, /PSEN
VCC = 3.3V, VIN = 0.4 V
8
mA
ISR1
Source Current Port 1, 2, 3, 4
VCC = 3.3V, VIN = 2.4 V
-80
uA
ISR2
Source Current Port 0,ALE, /PSEN
VCC = 3.3V, VIN = 2.4 V
-8
mA
RRST
Internal RESET pull-down resistor
50
300
k
CIO
Pin capacitance
Test freq=1MHz, TA=25℃
10
pF
NOTES FOR DC ELECTRICAL CHARACTERISTICS
1.
The operating supply current is measured with all output disconnected;
XTAL1 driven with tr = tf = 5ns; VIL = VSS+0.5V; VIH=VCC-0.5V; XTAL2 not connect;
/EA=RST=Port0=VDD;
2.
The IDLE MODE supply current is measured with all output pins disconnected;
XTAL1 driven with tr = tf = 5ns; VIL = VSS+0.5V; VIH=VCC-0.5V; XTAL2 not connect;
/EA=Port0=VDD;
3.
The POWER-DOWN MODE supply current is measured with all output pins disconnected;
VIL = VSS+0.5V; VIH=VCC-0.5V; XTAL2 not connect; /EA= Port0=VDD;
4.
Port 1, 2, 3, and 4 sources a transition current when they are being externally driven from HIGH to LOW. The transition current reaches its
maximum value when VIN is approximately 2V.
5.
Capacities loading on port 0 and 2 may cause spurious noise to be superimposed on VOL of ALE and port 1, 3, and 4. The noise is due to external
bus capacitance discharging into port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the worst cases
(capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to qualify ALE with a Schmitt
Trigger, or use an address latch with a Schmitt trigger STROBE input.


Similar Part No. - SM89S16R1L25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1L25 SYNCMOS-SM89S16R1L25 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
More results

Similar Description - SM89S16R1L25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com