Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM317L Datasheet(HTML) 3 Page - ON Semiconductor

Part No. LM317L
Description  LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

LM317L Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 12 page
background image
LM317L
3
MOTOROLA ANALOG IC DEVICE DATA
Representative Schematic Diagram
18k
6.8V
6.8V
350
300
300
300
3.0k
30
0
70
200
k
2.5
60
5
0
130
8.67k
500
40
0
2.4k
12.8k
Vout
5.1k
6.3V
2.0k
6.0k
Adjust
Vin
180
180
10
pF
10
pF
* Pulse Testing Required:
1% Duty Cycle is suggested.
Line Regulation (%/V) =
VOH – VOL
x 100
*
VCC
VIH
VIL
Vin
Vout
VOH
VOL
RL
+
1
µF
CO
240
1%
R1
Adjust
R2
1
%
Cin
0.1
µF
LM317L
IAdj
Figure 1. Line Regulation and
∆IAdj/Line Test Circuit
VOL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn