Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3062EEKA-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3062EEKA-T
Description  15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3062EEKA-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3062EEKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 9Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 10Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 11Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
±15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-
Limited RS-485/RS-422 Transceivers in a SOT
8
_______________________________________________________________________________________
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
700
750
800
850
900
950
650
-40
85
DE = RE = VCC
DE = RE = GND
RECEIVER OUTPUT CURRENT
vs. RECEIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
4
3
2
1
10
20
30
40
50
60
0
05
RECEIVER OUTPUT CURRENT
vs. RECEIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
4
3
2
1
2
4
6
8
10
12
14
16
18
20
0
05
Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)
VOH
VOL
A
B
1V
-1V
1.5V
1.5V
OUTPUT
INPUT
RO
tRPLH
tRPHL
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
5V
0
VCC
RO
RO
0
1.5V
1.5V
VOL + 0.5V
VOH - 0.5V
1.5V
1.5V
tRZL(SHDN), tRZL
tRLZ
tRZH(SHDN), tRZH
tRHZ
RE
Figure 7. Receiver Propagation Delays
Figure 8. Receiver Enable and Disable Times
R
B
RECEIVER
OUTPUT
ATE
A
VID
R
Figure 9. Receiver Propagation Delay Test Circuit


Similar Part No. - MAX3062EEKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3062EEKA-T MAXIM-MAX3062EEKA-T Datasheet
350Kb / 17P
   15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
Rev 1; 7/07
More results

Similar Description - MAX3062EEKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3060E MAXIM-MAX3060E_07 Datasheet
350Kb / 17P
   15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
Rev 1; 7/07
MAX3060E MAXIM-MAX3060E_V01 Datasheet
2Mb / 17P
   짹15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
2018
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Union Semiconductor, In...
UM488 UNIONSEMI-UM488 Datasheet
324Kb / 17P
   짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
UM3352E UNIONSEMI-UM3352E Datasheet
235Kb / 11P
   짹12kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com