Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3062EEKA-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3062EEKA-T
Description  15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3062EEKA-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3062EEKA-T Datasheet HTML 1Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX3062EEKA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
±15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-
Limited RS-485/RS-422 Transceivers in a SOT
4
_______________________________________________________________________________________
SWITCHING CHARACTERISTICS—MAX3060E
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Driver Input to Output
tDPLH, tDPHL
Figures 3 and 5, RDIFF = 54
Ω,
CDIFF = 50pF
1.0
1.7
2.4
µs
Driver Output Skew
(tDPLH - tDPHL)
tDSKEW
Figures 3 and 5, RDIFF = 54
Ω,
CDIFF = 50pF
-200
-7
+200
ns
Driver Rise or Fall Time
tDR, tDF
Figures 3 and 5, RDIFF = 54
Ω,
CDIFF = 50pF
1.3
1.85
2.5
µs
Maximum Data Rate
fMAX
115
kbps
Driver Enable to Output High
tDZH
Figures 4 and 6, CL = 100pF, S2 closed
0.6
1.5
µs
Driver Enable to Output Low
tDZL
Figures 4 and 6, CL = 100pF, S1 closed
0.5
1.5
µs
Driver Disable Time from Low
tDLZ
Figures 4 and 6, CL = 15pF, S1 closed
60
200
ns
Driver Disable Time from High
tDHZ
Figures 4 and 6, CL = 15pF, S2 closed
85
200
ns
Receiver Input to Output
tRPLH,
tRPHL
Figures 7 and 9; | VID |
≥ 2.0V;
rise and fall time of VID
≤ 4ns, CL = 15pF
47
80
ns
Differential Receiver Skew
(tRPLH - tRPHL)
tRSKD
Figures 7 and 9; | VID |
≥ 2.0V;
rise and fall time of VID
≤ 4ns, CL = 15pF
-10
-3
+10
ns
Receiver Enable to Output Low
tRZL
Figures 2 and 8, CL = 15pF, S1 closed
50
ns
Receiver Enable to Output High
tRZH
Figures 2 and 8, CL = 15pF, S2 closed
50
ns
Receiver Disable Time from Low
tRLZ
Figures 2 and 8, CL = 15pF, S1 closed
50
ns
Receiver Disable Time from High
tRHZ
Figures 2 and 8, CL = 15pF, S2 closed
50
ns
Time to Shutdown
tSHDN
(Note 6)
50
180
600
ns
Driver Enable from Shutdown to
Output High
tDZH(SHDN) Figures 4 and 6, CL = 100pF, S2 closed
2
µs
Driver Enable from Shutdown to
Output Low
tDZL(SHDN) Figures 4 and 6, CL = 100pF, S1 closed
2
µs
Receiver Enable from Shutdown
to Output High
tRZH(SHDN) Figures 2 and 8, CL = 15pF, S2 closed
1.5
µs
Receiver Enable from Shutdown
to Output Low
tRZL(SHDN) Figures 2 and 8, CL = 15pF, S1 closed
1.5
µs


Similar Part No. - MAX3062EEKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3062EEKA-T MAXIM-MAX3062EEKA-T Datasheet
350Kb / 17P
   15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
Rev 1; 7/07
More results

Similar Description - MAX3062EEKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3060E MAXIM-MAX3060E_07 Datasheet
350Kb / 17P
   15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
Rev 1; 7/07
MAX3060E MAXIM-MAX3060E_V01 Datasheet
2Mb / 17P
   짹15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT
2018
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Union Semiconductor, In...
UM488 UNIONSEMI-UM488 Datasheet
324Kb / 17P
   짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
UM3352E UNIONSEMI-UM3352E Datasheet
235Kb / 11P
   짹12kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com