Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM337M Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM337M
Description  MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337M Datasheet(HTML) 5 Page - ON Semiconductor

  LM337M Datasheet HTML 1Page - ON Semiconductor LM337M Datasheet HTML 2Page - ON Semiconductor LM337M Datasheet HTML 3Page - ON Semiconductor LM337M Datasheet HTML 4Page - ON Semiconductor LM337M Datasheet HTML 5Page - ON Semiconductor LM337M Datasheet HTML 6Page - ON Semiconductor LM337M Datasheet HTML 7Page - ON Semiconductor LM337M Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LM337M
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 5. Load Regulation
Figure 6. Current Limit
Figure 7. Adjustment Pin Current
Figure 8. Dropout Voltage
Figure 9. Temperature Stability
Figure 10. Minimum Operating Current
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
IL = 0.5 A
Vin = –15 V
Vout = –10 V
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
IL = 500 mA
IL = 200 mA
IL = 20 mA
Vout = –5.0 V
∆Vout = 100 mV
–50
–25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
VI – VO, INPUT VOLTAGE DIFFERENTIAL (Vdc)
0
10
203040
Vin–Vout, INPUT–OUTPUT VOLTAGE DIFFERENTIAL (Vdc)
TJ = –55°C
TJ = 25°C
TJ = 150°C
010
20
30
40
TJ = 55°C
TJ = 150°C
TJ = 25°C
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
80
75
70
65
60
55
50
45
40
3.0
2.5
2.0
1.5
1.0
1.270
1.260
1.250
1.240
1.230
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0


Similar Part No. - LM337M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Seme LAB
LM337 SEME-LAB-LM337 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM337 STMICROELECTRONICS-LM337 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
logo
Texas Instruments
LM337 TI-LM337 Datasheet
273Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
More results

Similar Description - LM337M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_13 Datasheet
232Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_09 Datasheet
132Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15F MCC-MC78L15F Datasheet
174Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08BP MCC-MC79L08BP_11 Datasheet
217Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L15BP MCC-MC79L15BP Datasheet
478Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com