Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP888CG Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888CG
Description  8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888CG Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP888CG Datasheet HTML 3Page - National Semiconductor (TI) COP888CG Datasheet HTML 4Page - National Semiconductor (TI) COP888CG Datasheet HTML 5Page - National Semiconductor (TI) COP888CG Datasheet HTML 6Page - National Semiconductor (TI) COP888CG Datasheet HTML 7Page - National Semiconductor (TI) COP888CG Datasheet HTML 8Page - National Semiconductor (TI) COP888CG Datasheet HTML 9Page - National Semiconductor (TI) COP888CG Datasheet HTML 10Page - National Semiconductor (TI) COP888CG Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Pin Descriptions (Continued)
Since G6 is an input only pin and G7 is the dedicated CKO
clock output pin (crystal clock option) or general purpose
input (RC clock option) the associated bits in the data and
configuration registers for G6 and G7 are used for special
purpose functions as outlined below Reading the G6 and
G7 data bits will return zeros
Note that the chip will be placed in the HALT mode by writ-
ing a ‘‘1’’ to bit 7 of the Port G Data Register Similarly the
chip will be placed in the IDLE mode by writing a ‘‘1’’ to bit 6
of the Port G Data Register
Writing a ‘‘1’’ to bit 6 of the Port G Configuration Register
enables the MICROWIREPLUS to operate with the alter-
nate phase of the SK clock The G7 configuration bit if set
high enables the clock start up delay after HALT when the
RC clock configuration is used
Config Reg
Data Reg
G7
CLKDLY
HALT
G6
Alternate SK
IDLE
Port G has the following alternate features
G0 INTR (External Interrupt Input)
G2 T1B (Timer T1 Capture Input)
G3 T1A (Timer T1 IO)
G4 SO (MICROWIRE Serial Data Output)
G5 SK (MICROWIRE Serial Clock)
G6 SI (MICROWIRE Serial Data Input)
Port G has the following dedicated functions
G1 WDOUT WATCHDOG andor Clock Monitor dedicat-
ed output
G7 CKO Oscillator dedicated output or general purpose
input
Port C is an 8-bit IO port The 40-pin device does not have
a full complement of Port C pins The unavailable pins are
not terminated A read operation for these unterminated
pins will return unpredictable values
PORT I is an eight-bit Hi-Z input port
Port I1 – I3 are used for Comparator 1 Port I4 – I6 are used
for Comparator 2
The Port I has the following alternate features
I1
COMP1bIN (Comparator 1 Negative Input)
I2
COMP1aIN (Comparator 1 Positive Input)
I3
COMP1OUT (Comparator 1 Output)
I4
COMP2bIN (Comparator 2 Negative Input)
I5
COMP2aIN (Comparator 2 Positive Input)
I6
COMP2OUT (Comparator 2 Output)
Port D is a recreated 8-bit output port that is preset high
when RESET goes low D port recreation is one clock cycle
behind normal port timing The user can tie two or more D
port outputs (except D2) together in order to get a higher
drive
Functional Description
The architecture of the device is modified Harvard architec-
ture With the Harvard architecture the control store pro-
gram memory (ROM) is separated from the data store mem-
ory (RAM) Both ROM and RAM have their own separate
addressing space with separate address buses The archi-
tecture though based on Harvard architecture permits
transfer of data from ROM to RAM
CPU REGISTERS
The CPU can do an 8-bit addition subtraction logical or
shift operation in one instruction (tc) cycle time
There are six CPU registers
A is the 8-bit Accumulator Register
PC is the 15-bit Program Counter Register
PU is the upper 7 bits of the program counter (PC)
PL is the lower 8 bits of the program counter (PC)
B is an 8-bit RAM address pointer which can be optionally
post auto incremented or decremented
X is an 8-bit alternate RAM address pointer which can be
optionally post auto incremented or decremented
SP is the 8-bit stack pointer which points to the subroutine
interrupt stack (in RAM) The SP is initialized to RAM ad-
dress 06F with reset
S is the 8-bit Data Segment Address Register used to ex-
tend the lower half of the address range (00 to 7F) into 256
data segments of 128 bytes each
All the CPU registers are memory mapped with the excep-
tion of the Accumulator (A) and the Program Counter (PC)
PROGRAM MEMORY
The program memory consists of 32 kbytes of OTP
EPROM These bytes may hold program instructions or con-
stant data (data tables for the LAID instruction jump vectors
for the JID instruction and interrupt vectors for the VIS in-
struction) The program memory is addressed by the 15-bit
program counter (PC) All interrupts in the devices vector to
program memory location 0FF Hex
The device can be configured to inhibit external reads of the
program memory This is done by programming the Security
Byte
Note
Mask ROMed devices with equivalent on-chip features and program
memory sizes of 4k 8k 16k 20k and 24k are available
SECURITY FEATURE
The program memory array has an associate Security Byte
that is located outside of the program address range This
byte can be addressed only from programming mode by a
programmer tool
Security is an optional feature and can only be asserted
after the memory array has been programmed and verified
A secured part will read all 00(hex) by a programmer The
part will fail Blank Check and will fail Verify operations A
Read operaiton will fill the programmer’s memory with
00(hex) The Security Byte itself is always readable with val-
ue of 00(hex) if unsecure and FF(hex) if secure
DATA MEMORY
The data memory address space includes the on-chip RAM
and data registers the IO registers (Configuration Data
and Pin) the control registers the MICROWIREPLUS SIO
shift register and the various registers and counters asso-
ciated with the timers (with the exception of the IDLE timer)
Data memory is addressed directly by the instruction or indi-
rectly by the B X SP pointers and S register
http
www nationalcom
7


Similar Part No. - COP888CG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP888CG NSC-COP888CG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888CG NSC-COP888CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP888CG NSC-COP888CG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Texas Instruments
COP888CG TI1-COP888CG Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP888CG-XXX/N NSC-COP888CG-XXX/N Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
More results

Similar Description - COP888CG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
NXP Semiconductors
PCD3745A PHILIPS-PCD3745A Datasheet
156Kb / 32P
   8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
National Semiconductor ...
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com