Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9835CYT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # C9835CYT
Description  Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9835CYT Datasheet(HTML) 1 Page - Cypress Semiconductor

  C9835CYT Datasheet HTML 1Page - Cypress Semiconductor C9835CYT Datasheet HTML 2Page - Cypress Semiconductor C9835CYT Datasheet HTML 3Page - Cypress Semiconductor C9835CYT Datasheet HTML 4Page - Cypress Semiconductor C9835CYT Datasheet HTML 5Page - Cypress Semiconductor C9835CYT Datasheet HTML 6Page - Cypress Semiconductor C9835CYT Datasheet HTML 7Page - Cypress Semiconductor C9835CYT Datasheet HTML 8Page - Cypress Semiconductor C9835CYT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Low-EMI Clock Generator for Intel®
Mobile 133-MHz/3 SO-DIMM Chipset Systems
C9835
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-07303 Rev. **
Revised April 5, 2002
Features
• Meets Intel’sMobile 133.3MHz Chipset
• Three CPU Clocks (66.6/100/133.3 MHz, 2.5V)
• Six SDRAM Clocks, 1-DCLK (100/133.3 MHz, 3.3V)
• Seven PCI Clocks (33MHz, 3.3V), one free running
• Two IOAPIC clocks, synchronous to CPU clock (33.3
MHz, 2.5V)
• One REF Clock
• Two 48-MHz fixed non-SSCG clocks (USB and DOT)
• Three 3V66 clocks (66.6 MHz, 3.3V) ICH, HUBLINK, and
AGP memory
• One selectable frequency for VCH video channel clock
(48-MHz non-SSCG, 66.6-MHz CPU-SSCG, 3.3V)
• Power management using power-down, CPU stop, and
PCI stop pins
• Three function select pins (include test-mode select)
• Cypress Spread Spectrum for best electromagnetic
interference (EMI) reduction
• SMBUS support with readback
• 56-pin SSOP and TSSOP packages
Note:
1.
These are the frequencies that are selectable after power up using the SEL1 and SEL0 hardware pins. Other frequencies may be chosen using the devices
SMBUS interface. See the expanded frequency for a complete listing of all of the availible frequencies.
2.
Will be set to 133MHz, when SMBUS Byte3, Bit 0 is set to logic 1.
Table 1. Function Table[1]
TEST#
SEL1
SEL0
CPU(0:2)
SDRAM(0:5)
DCLK
3V66(0:2)
PCIF(1:6)
48M(0:1)
REF
IOAPIC(0:10)
0
X
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
X
1
TCLK/2
TCLK/2
TCLK/3
TCLK/6
TCLK/2
TCLK
TCLK/6
1
0
0
66.6
100.0[2]
66.6
33.3
48
14.318
33.3
1
0
1
100.0
100.0[2]
66.6
33.3
48
14.318
33.3
1
1
0
133.3
133.3
66.6
33.3
48
14.318
33.3
1
1
1
133.3
100.0[2]
66.6
33.3
48
14.318
33.3
Block Diagram
Pin Configuration
VDDC
VDDS
VDD
VD D P
VDDI
VDD
VDDS
P LL1
Ri n
i 2 c- cl k
i2 c - d a t a
I O API C
tri s ta te
PD #
s0
CPU
S DRA M
3V 66
PCI
P LL2
Ri n
48
PD #
i 2 c- cl k
i2 c - d a t a
36 p F
36 p F
3
6
3
6
2
2
1
1
VDD
XI N
XO U T
CPU( 0 : 2 )
SDRAM ( 0 : 5 )
3V 66 ( 0 : 2 )
P C I ( 1: 6)
IO A P I C ( 0 ,1 )
SD A T A
SC L K
PD#
SE L 0 , 1
TE S T #
48 M ( 0 , 1)
DC L K
RE F
V C H_ CL K
CP U_ S T P #
P C I _ ST P#
1
VDD
VDDP
PCI _ F
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
XIN
VDD
SEL 1
XO U T
VSS
VSS
3V 6 6_0
3 V 66_ 1
3 V 66 _2(A G P )
PCI_F
PCI1
VSS
PCI3
VDDP
VDD
PCI2
PCI4
PCI5
VSS
AVDD
AVSS
VSS
T EST#
CPU_ST P#
VDD
VCH_CL K
VDDS
SDRAM5
DCLK
VSS
SDRAM2
VDDS
SDRAM0
VSS
CPU2
CPU1
SDRAM4
SDRAM3
SDRAM1
VSS
VDDC
CPU0
VDDI
IO APIC1
IO APIC0
VSS
PCI6
C
9
8
3
5
25
26
27
REF
4 8M 0(U SB)
48 M 1(D O T )
28
VDD
SEL 0
SDAT A
SCLK
PD#
49
50
51
52
53
54
55
56
PCI_S T P#


Similar Part No. - C9835CYT

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C983 PERKINELMER-C983 Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
C983P PERKINELMER-C983P Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
More results

Similar Description - C9835CYT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Pericom Semiconductor C...
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com