Electronic Components Datasheet Search |
|
IS62LV5128LL-85B Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc |
|
IS62LV5128LL-85B Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc |
4 / 10 page 4 Integrated Silicon Solution, Inc. — 1-800-379-4774 Rev. D 05/04/01 IS62LV5128LL ISSI® READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range) -70 -85 Symbol Parameter Min. Max. Min. Max. Unit tRC Read Cycle Time 70 — 85 — ns tAA Address Access Time — 70 — 85 ns tOHA Output Hold Time 10 — 15 — ns tACE CE Access Time — 70 — 85 ns tDOE OE Access Time — 35 — 40 ns tHZOE(2) OE to High-Z Output — 25 — 25 ns tLZOE(2) OE to Low-Z Output 5 — 5 — ns tLZCE(2) CE to Low-Z Output 10 — 10 — ns tHZCE(2) CE to High-Z Output 0 25 0 25 ns Notes: 1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0.4V to 2.2V and output loading specified in Figure 1. 2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested. POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range) -70 -85 Symbol Parameter Test Conditions Min. Max. Min. Max. Unit ICC Vcc Dynamic VCC = Max., CE = VIL Com. — 40 — 35 mA Operating IOUT = 0 mA, f = fMAX Ind. — 45 — 40 Supply Current ICC1 Operating Supply VCC = Max., Com. — 5 — 5mA Current IOUT = 0 mA, f = 0 Ind. — 5 — 5 ISB1 TTL Standby VCC = Max., Com. — 0.4 — 0.4 mA Current VIN = VIH or VIL,Ind. — 1.0 — 1.0 (TTL Inputs) CE1 ≥ VIH, f = 0 ISB2 CMOS Standby VCC = Max., f = 0 Com. — 10 — 10 µA Current CE1 ≥ VCC – 0.2V, Ind. — 10 — 10 (CMOS Inputs) or VIN ≥ VCC – 0.2V, VIN ≤ 0.2V Note: 1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change. |
Similar Part No. - IS62LV5128LL-85B |
|
Similar Description - IS62LV5128LL-85B |