Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA278RA12C Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # KA278RA12C
Description  2A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA278RA12C Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button KA278RA12C Datasheet HTML 5Page - Fairchild Semiconductor KA278RA12C Datasheet HTML 6Page - Fairchild Semiconductor KA278RA12C Datasheet HTML 7Page - Fairchild Semiconductor KA278RA12C Datasheet HTML 8Page - Fairchild Semiconductor KA278RA12C Datasheet HTML 9Page - Fairchild Semiconductor KA278RA12C Datasheet HTML 10Page - Fairchild Semiconductor KA278RA12C Datasheet HTML 11Page - Fairchild Semiconductor KA278RA12C Datasheet HTML 12Page - Fairchild Semiconductor KA278RA12C Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
KA278RXXC-SERIES
9
Typical Performance Characteristics (Continued)
-25
TEMPERATURE Tj(oC)
15
10
5
20
0
Output Current(A)
3.0
5.0
01.0
2.0
4.0
80
60
20
100
0
40
6.0
10
Input Ripple Frequency (KHz)
50
40
30
20
0
0.1
100
1
10
60
70
Tj = 25 oC
VIN = 7V
IO =1A
∆VIN = 0.5Vrms
Time (
µs)
20
15
10
5
7
0
515
25
30
0
-5
-10
-15
-20
-25
8
25
35
45
Time (
µs)
2.0
1.5
1.0
0.5
0
0
10
20
2.5
3.0
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
2.0
30
40
0123
456
3.50
3.75
4.00
4.25
4.50
4.75
Input-output differential voltage Vin-Vo (V)
Figure 7. Power Dissipation vs. Temperature(Tj)
Figure 8. Overcurrent Protection Characteristics
Figure 9. Ripple Rejection vs. Input Ripple Frequency
Figure 10. Line Transient Response
Figure 11. Load Transient Response
(Typical value)
Figure 12. Output Peak Currenrt vs.
Input-Output Differential Voltage


Similar Part No. - KA278RA12C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RA05CTU FAIRCHILD-KA278RA05CTU Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
ON Semiconductor
KA278RA05CTU ONSEMI-KA278RA05CTU Datasheet
344Kb / 18P
   2 A Output Low Dropout Voltage Regulators
July 2013 Rev. 1.1.0
logo
Fairchild Semiconductor
KA278RA05CYDTU FAIRCHILD-KA278RA05CYDTU Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
More results

Similar Description - KA278RA12C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com