Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV3216L-15TI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61LV3216L-15TI
Description  32K x 16 LOW VOLTAGE CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV3216L-15TI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61LV3216L-15TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV3216L-15TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV3216L-15TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV3216L-15TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV3216L-15TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV3216L-15TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV3216L-15TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV3216L-15TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IS61LV3216L
1
2
3
4
5
6
7
8
9
10
11
12
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. A
12/19/00
OPERATING RANGE
Range
Ambient Temperature
VCC 10 ns, 12 ns
VCC 15 ns, 20 ns
Commercial
0°C to + 70°C
3.3V +10%, –5%
3.3V ± 10%
Industrial
–40°C to + 85°C
3.3V +10%, –5%
3.3V ± 10%
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-10 ns
-12 ns
-15 ns
-20 ns
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating
VCC = Max.,
Com.
130
120
110
100
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
130
120
110
ISB1
TTL Standby Current
VCC = Max.,
Com.
10
10
10
10
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
—10
10
—10
CE • VIH , f = 0
ISB2
CMOS Standby
VCC = Max.,
Com.
1—
1—
1—
1
mA
Current (CMOS Inputs)
CE • VCC – 0.2V,
Ind.
1
1
1
VIN • VCC – 0.2V, or
VIN - 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2
VCC + 0.3V
VIL
Input LOW Voltage(1)
–0.30.8
V
ILI
Input Leakage
GND - VIN - VCC
–1
1
µA
ILO
Output Leakage
GND - VOUT - VCC, Outputs Disabled
–2
2
µA
Note:
1. VIL (min.) = –3.0V for pulse width less than 10 ns.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
VCC
Supply Voltage with Respect to GND
–0.5 to +4.6
V
VTERM
Terminal Voltage with Respect to GND
–0.5 to Vcc + 0.5
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.0
W
IOUT
DC Output Current (LOW)
20
mA
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.


Similar Part No. - IS61LV3216L-15TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216 ISSI-IS61LV3216 Datasheet
58Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216-10K ISSI-IS61LV3216-10K Datasheet
58Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216-10T ISSI-IS61LV3216-10T Datasheet
58Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216-12K ISSI-IS61LV3216-12K Datasheet
58Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
IS61LV3216-12KI ISSI-IS61LV3216-12KI Datasheet
58Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS61LV3216L-15TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV3216 ISSI-IS61LV3216 Datasheet
58Kb / 8P
   32K x 16 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV256 ICSI-IS61LV256 Datasheet
121Kb / 8P
   32K X 8 LOW VOLTAGE CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com