Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M59PW064 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M59PW064
Description  64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59PW064 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M59PW064 Datasheet HTML 7Page - STMicroelectronics M59PW064 Datasheet HTML 8Page - STMicroelectronics M59PW064 Datasheet HTML 9Page - STMicroelectronics M59PW064 Datasheet HTML 10Page - STMicroelectronics M59PW064 Datasheet HTML 11Page - STMicroelectronics M59PW064 Datasheet HTML 12Page - STMicroelectronics M59PW064 Datasheet HTML 13Page - STMicroelectronics M59PW064 Datasheet HTML 14Page - STMicroelectronics M59PW064 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/24
M59PW064
the Status Register on the Data Inputs/Outputs.
See the section on the Status Register for more
details.
After the Chip Erase operation has completed the
memory will return to the Read Mode, unless an
error has occurred. When an error occurs the
memory will continue to output the Status Regis-
ter. A Read/Reset command must be issued to re-
set the error condition and return to Read Mode.
Table 4. Standard Commands
Note: X Don’t Care, PA Program Address, PD Program Data, BA Any address in the Block. All values in the table are in hexadecimal. The
Command Interface only uses A0-A10 and DQ0-DQ7 to verify the commands; A11-A21, DQ8-DQ15 are Don’t Care.
Table 5. Multiple Word Program Command
Note: A Bus Read must be done between each Write cycle where the data is programmed or verified, to Read the Status Register and check
that the memory is ready to accept the next data. SA is the Start Address. CA is the Continue Address. FA is the Final Address. X Don’t
Care, n = number of Words to be programmed.
Table 6. Program, Erase Times and Program, Erase Endurance Cycles
Note: 1. TA = 25°C, VPP = 12V.
Command
Bus Write Operations
1st
2nd
3rd
4th
5th
6th
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Read/Reset
1X
F0
3555
AA
2AA
55
X
F0
Auto Select
3
555
AA
2AA
55
555
90
Word Program
4
555
AA
2AA
55
555
A0
PA
PD
Block Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
BA
30
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Phase
Bus Write Operations
1st
2nd
3rd
4th
5th
nth
Final
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Set-Up
3
555
AA
2AA
55
555
20
Program
n+1
SA
PD1
CA
PD2
CA
PD3
CA
PD4
CA
PD5
CA
PAn
FA
X
Verify
n+1
SA
PD1
CA
PD2
CA
PD3
CA
PD4
CA
PD5
CA
PAn
FA
X
Parameter
Min
Typ (1)
Typical after
10k W/E Cycles (1)
Max
Unit
Chip Erase
41
44
120
s
Block Erase (128 KWords)
1.5
6
s
Program (Word)
9
200
µs
Chip Program (Multiple Word)
8
144
s
Chip Program (Word by Word)
36
144
s
Program/Erase Cycles (per Block)
10,000
cycles


Similar Part No. - M59PW064

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M59PW1282 STMICROELECTRONICS-M59PW1282 Datasheet
414Kb / 24P
   128Mbit (two 64Mb, x16, Uniform Block, LightFlash?? 3V Supply, Multiple Memory Product
M59PW1282-100M1T STMICROELECTRONICS-M59PW1282-100M1T Datasheet
414Kb / 24P
   128Mbit (two 64Mb, x16, Uniform Block, LightFlash?? 3V Supply, Multiple Memory Product
M59PW1282-120M1T STMICROELECTRONICS-M59PW1282-120M1T Datasheet
414Kb / 24P
   128Mbit (two 64Mb, x16, Uniform Block, LightFlash?? 3V Supply, Multiple Memory Product
M59PW1282100M1T STMICROELECTRONICS-M59PW1282100M1T Datasheet
414Kb / 24P
   128Mbit (two 64Mb, x16, Uniform Block, LightFlash?? 3V Supply, Multiple Memory Product
M59PW1282120M1T STMICROELECTRONICS-M59PW1282120M1T Datasheet
414Kb / 24P
   128Mbit (two 64Mb, x16, Uniform Block, LightFlash?? 3V Supply, Multiple Memory Product
More results

Similar Description - M59PW064

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29KW064E STMICROELECTRONICS-M29KW064E Datasheet
233Kb / 30P
   64 Mbit 4Mb x16, Uniform Block 3V Supply LightFlash??Memory
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
   64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
December 2002
M29KW016E STMICROELECTRONICS-M29KW016E Datasheet
261Kb / 31P
   16 Mbit (1Mb x16, Uniform Block) 3V Supply LightFlash Memory
July 2002
M29KW032E STMICROELECTRONICS-M29KW032E Datasheet
234Kb / 30P
   32 Mbit 2Mb x16, Uniform Block 3V Supply LightFlash??Memory
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com