Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317MDT Datasheet(PDF) 11 Page - ON Semiconductor

Part # LM317MDT
Description  Three-Terminal Adjustable Output Positive Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317MDT Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LM317MDT Datasheet HTML 7Page - ON Semiconductor LM317MDT Datasheet HTML 8Page - ON Semiconductor LM317MDT Datasheet HTML 9Page - ON Semiconductor LM317MDT Datasheet HTML 10Page - ON Semiconductor LM317MDT Datasheet HTML 11Page - ON Semiconductor LM317MDT Datasheet HTML 12Page - ON Semiconductor LM317MDT Datasheet HTML 13Page - ON Semiconductor LM317MDT Datasheet HTML 14Page - ON Semiconductor LM317MDT Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LM317M
http://onsemi.com
11
Figure 21. Adjustable Current Limiter
Figure 22. 5 V Electronic Shutdown Regulator
Figure 23. Slow Turn−On Regulator
Figure 24. Current Regulator
Vref
+25V
Vin
LM317M
Vout
R1
VO
1.25k
Adjust
IO
D2
1N914
1N5314
R2
500
* To provide current limiting of IO
to the system ground, the source of
the current limiting diode must be tied to
a negative voltage below −7.25 V.
R2
Vref
R1 =
VSS*
D1
1N914
VO < POV + 1.25 V + VSS
ILmin − IP < IO < 500 mA − IP
As shown O < IO < 495 mA
+
10
mF
Vin
Vout
240
1N4001
LM317M
Adjust
MPS2907
R2
50k
Vin
D1
1N4002
Vout
120
Adjust
720
+
1.0
mF
MPS2222
1.0k
TTL
Control
LM317M
Minimum Vout = 1.25 V
D1 protects the device during an input short circuit.
LM317M
Vin
R1
R2
Adjust
IAdj
Iout
5.0 mA < Iout < 100 mA
Vout
Ioutmax =
Vref
+ IAdj ^
1.25 V
R1 + R2
Vout
Vout
Vin
IDSS
IOmax + IDSS
R1 + R2
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2.0
2.4
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Minimum
Size Pad
L
L
Free Air
Mounted
Vertically
RqJA
2.0 oz. Copper
Figure 25. DPAK Thermal Resistance and Maximum
Power Dissipation versus PCB Copper Length
Figure 26. SOT−223 Thermal Resistance and Maximum
Power Dissipation versus PCB Copper Length
40
80
120
160
200
240
280
0.35
0.42
0.50
0.63
0.83
1.25
2.50
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Minimum
Size Pad
L
L
Free Air
Mounted
Vertically
RqJA
2.0 oz. Copper


Similar Part No. - LM317MDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317MDT NSC-LM317MDT Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
STMicroelectronics
LM317MDT STMICROELECTRONICS-LM317MDT Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Fairchild Semiconductor
LM317MDT FAIRCHILD-LM317MDT Datasheet
224Kb / 8P
   3-Terminal 0.5A Positive Adjustable Regulator
logo
ON Semiconductor
LM317MDT ONSEMI-LM317MDT Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
National Semiconductor ...
LM317MDT NSC-LM317MDT Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
More results

Similar Description - LM317MDT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com