Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8631904SSC Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z8631904SSC
Description  PS/2 MOUSE CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8631904SSC Datasheet(HTML) 4 Page - Zilog, Inc.

  Z8631904SSC Datasheet HTML 1Page - Zilog, Inc. Z8631904SSC Datasheet HTML 2Page - Zilog, Inc. Z8631904SSC Datasheet HTML 3Page - Zilog, Inc. Z8631904SSC Datasheet HTML 4Page - Zilog, Inc. Z8631904SSC Datasheet HTML 5Page - Zilog, Inc. Z8631904SSC Datasheet HTML 6Page - Zilog, Inc. Z8631904SSC Datasheet HTML 7Page - Zilog, Inc. Z8631904SSC Datasheet HTML 8Page - Zilog, Inc. Z8631904SSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Z86319
PS/2 Mouse Controller
Zilog
4
P R E L I M I N A R Y
DS97KEY1605
PIN FUNCTIONS
RCIN.
A precision 1% resistor is connected to RCIN,
generating oscillation with an internal capacitor.
Resistor values and corresponding typical frequencies are
shown in Table 2 and graph chart (Figure 3).
Table 2. Resistor Values and Corresponding
Typical Frequencies
External Resistor
Average Frequency
14.0K
5.01 MHz
15.0K
4.70 MHz
16.0K
4.43 MHz
17.0K
4.19 MHz
18.0K
3.97 MHz
19.0K
3.78 MHz
20.0K
3.60 MHz
21.0K
3.44 MHz
22.0K
3.30 MHz
23.0K
3.16 MHz
Figure 3. Z86319 RC Frequency in Function of the External Resistance
(typical numbers)
0
1
2
3
4
5
6
14
15
16
17
18
19
20
21
22
23
RESISTOR VALUE (K OHMS)


Similar Part No. - Z8631904SSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86317 ZILOG-Z86317 Datasheet
59Kb / 8P
   CMOS Z8 8-BIT MICROCONTROLLER
Z86318 ZILOG-Z86318 Datasheet
265Kb / 26P
   Z8 MCU 8-BIT MICROCONTROLLER
Z8631804PEC ZILOG-Z8631804PEC Datasheet
265Kb / 26P
   Z8 MCU 8-BIT MICROCONTROLLER
Z8631804PSC ZILOG-Z8631804PSC Datasheet
265Kb / 26P
   Z8 MCU 8-BIT MICROCONTROLLER
Z8631804SEC ZILOG-Z8631804SEC Datasheet
265Kb / 26P
   Z8 MCU 8-BIT MICROCONTROLLER
More results

Similar Description - Z8631904SSC

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
logo
Silan Microelectronics ...
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
   PS/2 MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
   PS/2 Mouse Controller
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
   USB & PS/2 Mouse Controller
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
   PS/2 SCROLLING MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
   PS/2 SCROLLING MOUSE CONTROLLER
EKM8022 EMC-EKM8022 Datasheet
334Kb / 20P
   USB & PS/2 Mouse Controller
logo
Holtek Semiconductor In...
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
   3D PS/2 Mouse Controller
HT82M398A HOLTEK-HT82M398A Datasheet
93Kb / 8P
   WIN2000 3D PS/2 Mouse Controller
logo
ELAN Microelectronics C...
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com