Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS7000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IS7000
Description  HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IS7000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IS7000 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS7000 Datasheet HTML 2Page - List of Unclassifed Manufacturers IS7000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
7/12/00
DB92463m-AAS/A1
DESCRIPTION
The IS7000 is an optically coupled isolator
consisting of infrared light emitting diode and a
high voltage NPN silicon photo darlington which
has an integral base-emitter resistor to optimise
switching speed and elevated temperature
characteristics in a space efficient, end-stackable
4 pin dual in line plastic package.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
High Current Transfer Ratio ( 1000% min)
l
High BV
CEO ( 300V min. )
APPLICATIONS
l
Modems
l
Copiers, facsimiles
l
Numerical control machines
l
Signal transmission between systems of
different potentials and impedances
IS7000
HIGH VOLTAGE DARLINGTON
OUTPUT OPTICALLY COUPLED
ISOLATOR
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
70mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
300V
Emitter-collector Voltage BV
ECO
0.1V
Collector Current I
C
150mA
Power Dissipation
150mW
POWER DISSIPATION
Total Power Dissipation
200mW
10.16
0.26
OPTION G
7.62
OPTION SM
SURFACE MOUNT
1.2
3.0
4.0
3.0
3.35
7.0
6.0
0.5
0.5
7.62
0.26
13°
Max
2.54
Dimensions in mm
5.08
4.08
4
3
1
2
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com
10.46
9.86
0.6
0.1
1.25
0.75


Similar Part No. - IS7000

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
IS70-12 PAIRUI-IS70-12 Datasheet
757Kb / 19P
   AC-DC Din Rail Mounted Power Supply
IS70-12 PAIRUI-IS70-12 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
IS70-15 PAIRUI-IS70-15 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
IS70-24 PAIRUI-IS70-24 Datasheet
757Kb / 19P
   AC-DC Din Rail Mounted Power Supply
IS70-24 PAIRUI-IS70-24 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
More results

Similar Description - IS7000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS660 ETC1-IS660 Datasheet
49Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
ISOCOM COMPONENTS
IS660 ISOCOM-IS660_08 Datasheet
76Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
H11G1X ISOCOM-H11G1X Datasheet
56Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
TLP627X ISOCOM-TLP627X Datasheet
77Kb / 2P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
IS725 ISOCOM-IS725 Datasheet
53Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
IS725 ISOCOM-IS725_08 Datasheet
83Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
ISP627 ISOCOM-ISP627 Datasheet
129Kb / 2P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
H11G1 ISOCOM-H11G1_08 Datasheet
76Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED
H11D1X ISOCOM-H11D1X Datasheet
78Kb / 3P
   HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com