Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI5128VE Datasheet(PDF) 15 Page - Lattice Semiconductor

Part # ISPLSI5128VE
Description  In-System Programmable 3.3V SuperWIDE High Density PLD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI5128VE Datasheet(HTML) 15 Page - Lattice Semiconductor

Back Button ISPLSI5128VE Datasheet HTML 11Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 12Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 13Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 14Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 15Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 16Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 17Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 18Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 19Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Specifications ispLSI 5128VE
15
Internal Timing Parameters
Over Recommended Operating Conditions
In/Out Delays
tin
Input Buffer Delay
0.9
1.3
2.3
2.3
ns
tgclk_in
Global Clock Buffer Input Delay (clk0)
1.0
1.3
1.8
1.8
ns
trst
Global Reset Pin Delay
4.4
6.6
7.1
7.1
ns
tgoe
Global OE Pin Delay
2.5
3.9
5.9
7.4
ns
tbuf
Output Buffer Delay
1.1
2.2
2.7
3.7
ns
ten
Output Enable Delay
1.0
1.6
1.6
1.6
ns
tdis
Output Disable Delay
1.0
1.6
1.6
1.6
ns
Routing/GLB Delays
troute
GRP and Logic Delay
2.7
3.6
4.0
4.5
ns
tpdb
5-pt Bypass Propagation Delay
0.3
0.4
1.0
1.5
ns
tpdi
Combinatorial Propagation Delay
1.0
0.0
0.0
0.0
ns
tptsa
Product Term Sharing Array
1.3
2.4
3.0
4.5
ns
tfbk
Internal Feedback Delay
0.0
0.0
0.0
0.5
ns
tinreg
Input Buffer to Macrocell Register Delay
2.0
2.5
2.5
3.5
ns
Register/Latch Delays
ts
Register Setup Time
0.6
1.0
1.5
1.5
ns
ts_pt
Register Setup Time (Product Term Clock)
0.6
1.0
1.5
1.5
ns
th
Register Hold Time
2.4
3.0
4.0
5.0
ns
tcoi
Register Clock to GLB Output Delay
0.9
1.0
1.5
1.5
ns
tsl
Latch Setup Time
0.6
1.0
1.5
1.5
ns
thl
Latch Hold Time
2.4
3.0
4.0
5.0
ns
tgoi
Latch Gate to GLB Output Delay
0.9
1.0
1.5
1.5
ns
tpdli
GLB Latch propagation Delay
1.0
1.5
2.0
2.5
ns
tces
Clock Enable Setup Time
4.1
4.3
5.3
6.3
ns
tceh
Clock Enable Hold Time
0.3
1.7
2.7
3.7
ns
tsri
Asynchronous Set/Reset to GLB Output Delay
0.5
1.2
1.7
2.2
ns
tsrr
Asynchronous Set/Reset Recovery Time
1.1
1.2
1.2
2.2
ns
Control Delays
tptclk
Macrocell PT Clock Delay
0.4
0.4
0.5
0.5
ns
tbclk
Block PT Clock Delay
1.4
1.9
2.5
2.5
ns
tptsr
Macrocell PT Set/Reset Delay
1.8
3.7
4.8
4.8
ns
tbsr
Block PT Set/Reset Delay
2.8
5.7
6.8
6.8
ns
tptoe
Macrocell PT OE Delay
1.4
2.0
2.1
3.6
ns
tgptoe
Global PT OE Delay
2.4
7.5
7.6
8.6
ns
-180
-125
-100
-80
MIN
MAX MIN
MAX MIN
MAX MIN
MAX
UNIT
PARAMETER
DESCRIPTION
Note: Internal Timing Parameters are not tested and are for reference only. Refer to Timing Model in this data sheet
for further details.
Timing v.2.0


Similar Part No. - ISPLSI5128VE

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5128VE LATTICE-ISPLSI5128VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
More results

Similar Description - ISPLSI5128VE

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5256VE LATTICE-ISPLSI5256VE Datasheet
246Kb / 24P
   In-System Programmable 3.3V SuperWIDE High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5384VE-125LB272 LATTICE-ISPLSI5384VE-125LB272 Datasheet
242Kb / 22P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256VA LATTICE-5256VA Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5512VA LATTICE-5512VA Datasheet
331Kb / 26P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256V LATTICE-5256V Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5384VA LATTICE-5384VA_02 Datasheet
311Kb / 31P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5512VE LATTICE-ISPLSI5512VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com