Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC161AD Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC74HC161AD
Description  PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON-GATE CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HC161AD Datasheet(HTML) 5 Page - Motorola, Inc

  MC74HC161AD Datasheet HTML 1Page - Motorola, Inc MC74HC161AD Datasheet HTML 2Page - Motorola, Inc MC74HC161AD Datasheet HTML 3Page - Motorola, Inc MC74HC161AD Datasheet HTML 4Page - Motorola, Inc MC74HC161AD Datasheet HTML 5Page - Motorola, Inc MC74HC161AD Datasheet HTML 6Page - Motorola, Inc MC74HC161AD Datasheet HTML 7Page - Motorola, Inc MC74HC161AD Datasheet HTML 8Page - Motorola, Inc MC74HC161AD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC54/74HCT161A MC54/74HCT163A
High–Speed CMOS Logic Data
DL129 — Rev 6
5
MOTOROLA
SWITCHING WAVEFORMS
tr
Figure 1.
Clock
Any
Output
3.0V
GND
90%
1.3V
10%
tf
tw
90%
1.3V
10%
tPHL
1/fMAX
tPLH
tTLH
tTHL
Reset
3.0V
GND
tw
Any
Output
3.0V
GND
Clock
Figure 2.
tPHL
trec
1.3V
1.3V
1.3V
Figure 3.
tr
Enable T
3.0V
GND
90%
1.3V
10%
tf
Ripple
Carry Out
90%
1.3V
10%
tTHL
tTLH
tPHL
tPLH
Figure 4. HCT163A Only
Reset
3.0V
GND
th
3.0V
GND
Clock
tsu
1.3V
1.3V
Load
3.0V
GND
3.0V
GND
Clock
tsu
1.3V
1.3V
Figure 5.
Inputs P0,
P1, P2, P3
3.0V
GND
1.3V
tsu
th
th
trec
3.0V
GND
1.3V
Enable T
or
Enable P
3.0V
GND
1.3V
th
tsu
Valid
Clock
Figure 6.
Figure 7. Test Circuit
CL*
*Includes all probe and jig capacitance
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT


Similar Part No. - MC74HC161AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC161AD ONSEMI-MC74HC161AD Datasheet
144Kb / 16P
   Presettable Counters
June, 2001 ??Rev. 9
MC74HC161AD ONSEMI-MC74HC161AD Datasheet
352Kb / 16P
   Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
MC74HC161ADG ONSEMI-MC74HC161ADG Datasheet
352Kb / 16P
   Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
MC74HC161ADG ONSEMI-MC74HC161ADG Datasheet
167Kb / 15P
   Presettable Counters
May, 2013 ??Rev. 13
MC74HC161ADR2 ONSEMI-MC74HC161ADR2 Datasheet
144Kb / 16P
   Presettable Counters
June, 2001 ??Rev. 9
More results

Similar Description - MC74HC161AD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC163A IKSEMICON-IN74HC163A Datasheet
290Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC163A KODENSHI-KK74HC163A Datasheet
302Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT163 SLS-SL74HCT163 Datasheet
127Kb / 9P
   Presettable Counters(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT163A IKSEMICON-IN74HCT163A Datasheet
287Kb / 9P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC161A KODENSHI-KK74HC161A Datasheet
308Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
KK74HCT163A KODENSHI-KK74HCT163A Datasheet
299Kb / 9P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC161A IKSEMICON-IN74HC161A Datasheet
290Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
IN74AC163 IKSEMICON-IN74AC163 Datasheet
313Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC163 KODENSHI-KK74AC163 Datasheet
419Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
KK74ACT163 KODENSHI-KK74ACT163 Datasheet
344Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com