Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM340AT-15 Datasheet(PDF) 10 Page - ON Semiconductor

Part # LM340AT-15
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM340AT-15 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LM340AT-15 Datasheet HTML 6Page - ON Semiconductor LM340AT-15 Datasheet HTML 7Page - ON Semiconductor LM340AT-15 Datasheet HTML 8Page - ON Semiconductor LM340AT-15 Datasheet HTML 9Page - ON Semiconductor LM340AT-15 Datasheet HTML 10Page - ON Semiconductor LM340AT-15 Datasheet HTML 11Page - ON Semiconductor LM340AT-15 Datasheet HTML 12Page - ON Semiconductor LM340AT-15 Datasheet HTML 13Page - ON Semiconductor LM340AT-15 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LM340, A Series
10
MOTOROLA ANALOG IC DEVICE DATA
LM340A–15
ELECTRICAL CHARACTERISTICS (Vin = 23 V, IO = 1.0 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
IO = 5.0 mA to 1.0 A
VO
14.7
15
15.3
Vdc
Line Regulation
17.9 Vdc to 30 Vdc, IO = 500 mA
17.5 Vdc to 30 Vdc (TJ = +25°C)
20 Vdc to 26 Vdc, IO = 1.0 A
20 Vdc to 26 Vdc, IO = 1.0 A (TJ = +25°C)
Regline
4.0
22
22
30
10
mV
Load Regulation
5.0 mA
≤ IO ≤ 1.0 A
5.0 mA
≤ IO ≤ 1.5 A (TJ = +25°C)
250 mA
≤ IO ≤ 750 mA (TJ = +25°C)
Regload
12
75
35
21
mV
Output Voltage
17.9
≤ Vin ≤ 30 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W
VO
14.4
15.6
Vdc
Quiescent Current
TJ = +25°C
IB
3.5
6.5
6.0
mA
Quiescent Current Change
5.0 mA
≤ IO ≤ 1.0 A, Vin = 23 V
17.9
≤ Vin ≤ 30 Vdc, IO = 500 mA
17.9
≤ Vin ≤ 30 Vdc, IO = 1.0 A (TJ = +25°C)
∆IB
0.5
0.8
0.8
mA
Ripple Rejection
18.5
≤ Vin ≤ 28.5 Vdc, f = 120 Hz
IO = 500 mA
IO = 1.0 A (TJ = +25°C)
RR
60
60
70
dB
Dropout Voltage
VI – VO
1.7
Vdc
Output Resistance (f = 1.0 kHz)
rO
2.0
m
Short Circuit Current Limit (TJ = +25°C)
ISC
800
A
Output Noise Voltage (TA = +25°C)
10 Hz
≤ f ≤ 100 kHz
Vn
90
µV
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA
TCVO
±1.8
mV/
°C
Peak Output Current (TJ = +25°C)
IO
2.4
A
Input Voltage to Maintain Line Regulation (TJ = +25°C)
17.5
Vdc
NOTE: 1. Tlow to Thigh = 0° to +125°C


Similar Part No. - LM340AT-15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM340AT-15 MOTOROLA-LM340AT-15 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340AT-15 MOTOROLA-LM340AT-15 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
Texas Instruments
LM340AT-15 TI1-LM340AT-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
More results

Similar Description - LM340AT-15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com