Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1MA141WAT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # M1MA141WAT1
Description  COMMON ANODE DUAL SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M1MA141WAT1 Datasheet(HTML) 2 Page - ON Semiconductor

  M1MA141WAT1 Datasheet HTML 1Page - ON Semiconductor M1MA141WAT1 Datasheet HTML 2Page - ON Semiconductor M1MA141WAT1 Datasheet HTML 3Page - ON Semiconductor M1MA141WAT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M1MA141WAT1, M1MA142WAT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Voltage Leakage Current
M1MA141WAT1
IR
VR = 35 V
0.1
mAdc
M1MA142WAT1
VR = 75 V
0.1
Forward Voltage
VF
IF = 100 mA
1.2
Vdc
Reverse Breakdown Voltage
M1MA141WAT1
VR
IR = 100 mA
40
Vdc
M1MA142WAT1
80
Diode Capacitance
CD
VR = 0, f = 1.0 MHz
15
pF
Reverse Recovery Time (Figure 1)
trr
(Note 2)
IF = 10 mA, VR = 6.0 V,
RL = 100 W, Irr = 0.1 IR
10
ns
2. trr Test Circuit


Similar Part No. - M1MA141WAT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M1MA141WAT1 MOTOROLA-M1MA141WAT1 Datasheet
97Kb / 6P
   SC-70/SOT-323 PACKAGE COMMON ANODE DUAL SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
logo
ON Semiconductor
M1MA141WAT1 ONSEMI-M1MA141WAT1 Datasheet
51Kb / 4P
   Common Anode Silicon Dual Switching Diode
November, 2005 ??Rev. 8
M1MA141WAT1G ONSEMI-M1MA141WAT1G Datasheet
51Kb / 4P
   Common Anode Silicon Dual Switching Diode
November, 2005 ??Rev. 8
M1MA141WAT1G ONSEMI-M1MA141WAT1G Datasheet
217Kb / 5P
   Common Anode Silicon Dual Switching Diode
November, 2011 - Rev. 10
M1MA141WAT1 ONSEMI-M1MA141WAT1_05 Datasheet
51Kb / 4P
   Common Anode Silicon Dual Switching Diode
November, 2005 ??Rev. 8
More results

Similar Description - M1MA141WAT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
   Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
SBAW56LT1G ONSEMI-SBAW56LT1G Datasheet
121Kb / 4P
   Dual Switching Diode Common Anode
September, 2012 ??Rev. 8
BAW56L ONSEMI-BAW56L Datasheet
94Kb / 4P
   Dual Switching Diode Common Anode
October, 2016 ??Rev. 10
BAW56LT1G ONSEMI-BAW56LT1G Datasheet
129Kb / 4P
   Dual Switching Diode Common Anode
August, 2009 ??Rev. 6
BAW56M3T5G ONSEMI-BAW56M3T5G Datasheet
120Kb / 4P
   Dual Switching Diode Common Anode
January, 2009 ??Rev. 0
BAW56LT1 ONSEMI-BAW56LT1 Datasheet
52Kb / 4P
   Dual Switching Diode Common Anode
January, 2007 ??Rev. 5
BAW56WT1 ONSEMI-BAW56WT1 Datasheet
118Kb / 4P
   Dual Switching Diode, Common Anode
February, 2007 ??Rev. 5
SBAW56WT1G ONSEMI-SBAW56WT1G Datasheet
133Kb / 4P
   Dual Switching Diode, Common Anode
November, 2011 ??Rev. 7
BAW56WT1G ONSEMI-BAW56WT1G_16 Datasheet
63Kb / 4P
   Dual Switching Diode, Common Anode
April, 2016 ??Rev. 8
M1MA141WAT1 ONSEMI-M1MA141WAT1_05 Datasheet
51Kb / 4P
   Common Anode Silicon Dual Switching Diode
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com