Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS7221AI Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS7221AI
Description  SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7221AI Datasheet(HTML) 9 Page - STMicroelectronics

  TS7221AI Datasheet HTML 1Page - STMicroelectronics TS7221AI Datasheet HTML 2Page - STMicroelectronics TS7221AI Datasheet HTML 3Page - STMicroelectronics TS7221AI Datasheet HTML 4Page - STMicroelectronics TS7221AI Datasheet HTML 5Page - STMicroelectronics TS7221AI Datasheet HTML 6Page - STMicroelectronics TS7221AI Datasheet HTML 7Page - STMicroelectronics TS7221AI Datasheet HTML 8Page - STMicroelectronics TS7221AI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TS7221
9/9
TS7221ILT
PACKAGE MECHANICAL DATA
5 PINS - TINY PACKAGE (SOT23)
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.20
1.45
0.035
0.047
0.057
A1
0
0.15
0.006
A2
0.90
1.05
1.30
0.035
0.041
0.051
B
0.35
0.40
0.50
0.014
0.016
0.020
C
0.09
0.15
0.20
0.004
0.006
0.008
D
2.80
2.90
3.00
0.110
0.114
0.118
D1
1.90
0.075
e
0.95
0.037
E
2.60
2.80
3.00
0.102
0.110
0.118
F
1.50
1.60
1.75
0.059
0.063
0.069
L
0.3
0.5
0.60
0.012
0.014
0.024
K
0d
10d
0d
10d
L
C
E1
A2
A
A1
b
E
D
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom
http://www.st.com


Similar Part No. - TS7221AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS7221AILT STMICROELECTRONICS-TS7221AILT Datasheet
133Kb / 11P
   SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR
TS7221AIYLT STMICROELECTRONICS-TS7221AIYLT Datasheet
133Kb / 11P
   SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR
More results

Similar Description - TS7221AI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS7221 STMICROELECTRONICS-TS7221_07 Datasheet
133Kb / 11P
   SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR
TS7221 STMICROELECTRONICS-TS7221_09 Datasheet
197Kb / 13P
   Single BiCMOS rail-to-rail micropower comparator
TS7211 STMICROELECTRONICS-TS7211 Datasheet
88Kb / 9P
   SINGLE BiCMOS RAIL TO RAIL 關POWER COMPARATOR
TS861 STMICROELECTRONICS-TS861 Datasheet
304Kb / 15P
   RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
TS861IN STMICROELECTRONICS-TS861IN Datasheet
472Kb / 19P
   Rail-to-rail micropower BiCMOS comparators
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
[Old version datasheet]   Comparator with Rail-to-Rail Output
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
   IttyBitty Rail-to-Rail Input Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
logo
National Semiconductor ...
LMV7291 NSC-LMV7291 Datasheet
400Kb / 14P
   Single 1.8V Low Power Comparator with Rail-to-Rail Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com