Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AL008D70TANR23 Datasheet(PDF) 1 Page - SPANSION

Part # S29AL008D70TANR23
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D70TANR23 Datasheet(HTML) 1 Page - SPANSION

  S29AL008D70TANR23 Datasheet HTML 1Page - SPANSION S29AL008D70TANR23 Datasheet HTML 2Page - SPANSION S29AL008D70TANR23 Datasheet HTML 3Page - SPANSION S29AL008D70TANR23 Datasheet HTML 4Page - SPANSION S29AL008D70TANR23 Datasheet HTML 5Page - SPANSION S29AL008D70TANR23 Datasheet HTML 6Page - SPANSION S29AL008D70TANR23 Datasheet HTML 7Page - SPANSION S29AL008D70TANR23 Datasheet HTML 8Page - SPANSION S29AL008D70TANR23 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
“This document states the current technical specifications regarding the Spansion product(s) described herein. Spansion LLC deems the products
to have been in sufficient production volume such that subsequent versions of this document are not expected to change. However, typographical
or specification corrections, or modifications to the valid combinations offered may occur.”
Publication Number S29AL008D_00
Revision A Amendment 3 Issue Date June 16, 2005
This document has not been approved. Sharing this document with non-Spansion employees violates QS9000/TS16949 requirements.
S29AL008D
8 Megabit (1 M x 8-Bit/512 K x 16-Bit)
CMOS 3.0 Volt-only Boot Sector Flash Memory
Data Sheet
Distinctive Characteristics
Architectural Advantage
Single power supply operation
— 2.7 to 3.6 volt read and write operations for battery-
powered applications
Manufactured on 200nm process technology
— Compatible with 0.32 µm and 230nm Am29LV160
devices
Flexible sector architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and fifteen
64 Kbyte sectors (byte mode)
— One 8 Kword, two 4 Kword, one 16 Kword, and fifteen
32 Kword sectors (word mode)
— Supports full chip erase
— Sector Protection features:
— A hardware method of locking a sector to prevent
any program or erase operations within that sector
— Sectors can be locked in-system or via programming
equipment
— Temporary Sector Unprotect feature allows code
changes in previously locked sectors
Unlock Bypass Program Command
— Reduces overall programming time when issuing
multiple program command sequences
Top or bottom boot block configurations
available
Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically writes
and verifies data at specified addresses
Compatibility with JEDEC standards
— Pinout and software compatible with single-power
supply Flash
— Superior inadvertent write protection
Performance Characteristics
High performance
— Access times as fast as 55 ns
— Extended temperature range (-40°C to +125°C)
Ultra low power consumption (typical values
at 5 MHz)
— 200 nA Automatic Sleep mode current
— 200 nA standby mode current
— 7 mA read current
— 15 mA program/erase current
Cycling endurance: 1,000,000 cycles per
sector typical
Data retention: 20 years typical
— Reliable operation for the life of the system
Package option
48-ball FBGA
48-pin TSOP
44-pin SO
Software Features
Data# Polling and toggle bits
— Provides a software method of detecting program or
erase operation completion
Erase Suspend/Erase Resume
— Suspends an erase operation to read data from, or
program data to, a sector that is not being erased,
then resumes the erase operation
Hardware Features
Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting program or
erase cycle completion
Hardware reset pin (RESET#)
— Hardware method to reset the device to reading array
data


Similar Part No. - S29AL008D70TANR23

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL008D70TANR23

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com