Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFASWA141ATF09 Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWA141ATF09
Description  Any 2G/3G/4G Band for TRx System
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWA141ATF09 Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWA141ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Preliminary Product Information
Page 5 of 9
ASC_RFASWA141ATF09_V02
Nov. 2017
IIP2 Test Conditions
Band
In-Band Freq
(MHz)
CW tone 1
(MHz)
CW tone 1
(dBm)
CW tone 2
(MHz)
CW tone 2
(dBm)
1
2140.0
1950.0
+20
190.0
–15
+26
4090.0
–20
2
1960.0
1880.0
+20
80.0
–15
+26
3840.0
–20
5
881.5
836.5
+20
45.0
–15
+26
1718.0
–20
8
942.5
897.5
+20
45.0
–15
+26
1840.0
–20
IIP3 Test Conditions
Band
In-Band Freq
(MHz)
CW tone 1
(MHz)
CW tone 1
(dBm)
CW tone 2
(MHz)
CW tone 2
(dBm)
1
2140.0
1950.0
+20
1760.0
–15
2
1960.0
1880.0
+20
1800.0
–15
5
881.5
836.5
+20
791.5
–15
8
942.5
897.5
+20
852.5
–15
Logic Table for Switch On-Path (High=1.8V ,Low= 0V)
Logic State
EN
VCTL
RF1
RF2
1
1
0
on
off
2
1
1
off
on
3
0
1
off
off
4
0
0
Low Power Mode


Similar Part No. - RFASWA141ATF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWA351ATF06 WALSIN-RFASWA351ATF06 Datasheet
605Kb / 8P
   Any 2G/3G/4G Band for TRx system
RFASWA370ATF06 WALSIN-RFASWA370ATF06 Datasheet
634Kb / 8P
   Any 2G/3G/4G Band for TRx system
RFASWA370ATF09 WALSIN-RFASWA370ATF09 Datasheet
623Kb / 8P
   Any 2G/3G/4G Band for TRx system
RFASWA630BTF09 WALSIN-RFASWA630BTF09 Datasheet
625Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWA630CTF09 WALSIN-RFASWA630CTF09 Datasheet
624Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
More results

Similar Description - RFASWA141ATF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWK119ATF09 WALSIN-RFASWK119ATF09 Datasheet
611Kb / 9P
   Any 2G/3G/4G Band for TRx System
RFASWA370ATF06 WALSIN-RFASWA370ATF06 Datasheet
634Kb / 8P
   Any 2G/3G/4G Band for TRx system
RFASWB643ATF09 WALSIN-RFASWB643ATF09 Datasheet
663Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWK626ATF09 WALSIN-RFASWK626ATF09 Datasheet
557Kb / 8P
   Any 2G/3G/4G Band for TRx system
RMASMU890ATF03 WALSIN-RMASMU890ATF03 Datasheet
706Kb / 14P
   Any 2G/3G/4G Band for TRx System
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
RFASWAM3489ATF09 WALSIN-RFASWAM3489ATF09 Datasheet
541Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWB022ATF09 WALSIN-RFASWB022ATF09 Datasheet
650Kb / 8P
   Any 2G/3G/4G Band For TRx System
RFASWDH2418PTF09 WALSIN-RFASWDH2418PTF09 Datasheet
672Kb / 8P
   Any 2G/3G/4G Band for TRx System
RMASME494ATF03 WALSIN-RMASME494ATF03 Datasheet
881Kb / 16P
   Any 2G/3G/4G Band for TRx system
RFASWB438ATF09 WALSIN-RFASWB438ATF09 Datasheet
633Kb / 8P
   Any 2G/3G/4G Band for TRx System
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com