Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFASWA630BTF09 Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWA630BTF09
Description  Any 2G/3G/4G Antenna Diversity For Receive System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWA630BTF09 Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWA630BTF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWA630BTF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWA630BTF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWA630BTF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWA630BTF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWA630BTF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWA630BTF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWA630BTF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Approval Sheet
Page 4 of 8
ASC_RFASWA630BTF09_V04
Sep. 2017
Electrical Specifications
(Top= 25°C, VDD=2.8V, VCTL=0/1.8V, Characteristic Impedance ZO= 50 Ω, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
RF Specifications
Operating Frequency
f
0.1
-
2.7
GHz
Insertion Loss
(RFC to RF1/2 port)
IL
0.1 ~ 1.0 GHz
1.0 ~ 2.2 GHz
2.2 ~ 2.7 GHz
0.35
0.40
0.45
0.50
0.55
0.60
dB
dB
dB
Isolation
(RFC to RF1/2 port)
Iso
0.1 ~ 1.0 GHz
1.0 ~ 2.2 GHz
2.2 ~ 2.7 GHz
32
27
22
35
30
25
dB
dB
dB
On state match
VSWR
0.1 ~ 2.7 GHz
1.2
1.5
-
RFx harmonics
2fo, 3fo
PIN = +26 dBm, f = 0.1 ~ 2.7 GHz
VSWR = 2.5:1
81
dBc
DC Specification (Decoder)
Supply Voltage
VDD
2.50
2.80
3.50
V
Supply Current
IDD
VDD= 3.5V
60
90
μA
Control Voltage(High)
VCTL(H)
1.20
1.80
2.30
V
Control Voltage(Low)
VCTL(L)
0
0.45
V
Control Current
ICTL
VCTL= 2.3V
10
μA
Switching Specification
Switching speed
TSW
50% VCTL to 90/10% RF
2
5
μs
Note:All measurements made in a 50
Ω system with 0/+1.8V control voltages, unless otherwise specified.
Logic Table for Switch On-Path (High=1.8V ,Low= 0V)
VCTL
RF1
RF2
0
on
off
1
off
on
Package Dimensions
0.45±0.05
1.1±0.05
0.7±0.05
Pin 1
Index
Pin 1
Index
Side View
Top View
Bottom View
Unit: mm
1
0.4±0.05
0.05+0.05/-0.03
0.05+0.05/-0.03
0.2±0.05
1
0.2±0.05
0.3±0.05


Similar Part No. - RFASWA630BTF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWA630CTF09 WALSIN-RFASWA630CTF09 Datasheet
624Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
More results

Similar Description - RFASWA630BTF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWA630CTF09 WALSIN-RFASWA630CTF09 Datasheet
624Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWDH2418BTF06 WALSIN-RFASWDH2418BTF06 Datasheet
604Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWE660DTF03 WALSIN-RFASWE660DTF03 Datasheet
676Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWH656FTF03 WALSIN-RFASWH656FTF03 Datasheet
678Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWF662DTF03 WALSIN-RFASWF662DTF03 Datasheet
686Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWD658FTF03 WALSIN-RFASWD658FTF03 Datasheet
683Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWA697ATF09 WALSIN-RFASWA697ATF09 Datasheet
550Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWHH1416BTF09 WALSIN-RFASWHH1416BTF09 Datasheet
596Kb / 8P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWH526BTF03 WALSIN-RFASWH526BTF03 Datasheet
684Kb / 14P
   Any 2G/3G/4G Antenna Diversity For Receive System
RFASWMT2628BTF09 WALSIN-RFASWMT2628BTF09 Datasheet
612Kb / 9P
   Any 2G/3G/4G Antenna Diversity For Receive System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com