Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFASWK119ATF09 Datasheet(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWK119ATF09
Description  Any 2G/3G/4G Band for TRx System
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWK119ATF09 Datasheet(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWK119ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWK119ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWK119ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWK119ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWK119ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWK119ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWK119ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWK119ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWK119ATF09 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Product Information
Page 7 of 9
ASC_RFASWK119ATF09_V03
Jul. 2017
Reliability test
TEST
PROCEDURE / TEST METHOD
REQUIREMENT
*Solderability
*JIS C 0050-4.6
*JESD22-B102D
*Solder bath temperature:255
 5C
*Immersion time:5
 0.5 sec
*Solder:Sn3Ag0.5Cu for lead-free
*At least 95% of a surface of each terminal
*electrode must be covered by fresh solder.
*High temperature
*JIS C 0021
*Temperature:90
C2C
*Test duration:1000+24/-0 hours
*Measurement to be made after keeping at *room
temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics under
*the operational temperature range within -30 *~
90°C.
*Low temperature
*JIS C 0020
*Temperature:-30
C2C
*Test duration:1000+24/-0 hours
*Measurement to be made after keeping at *room
temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics under
*the operational temperature range within -30 *~
90°C.
*Temperature cycle
*JIS C 0025
*1. 30
3 minutes at -303C,
*2. 10~15 minutes at room temperature,
*3. 30
3 minutes at +903C,
*4. 10~15 minutes at room temperature,
*Total 100 continuous cycles
*Measurement to be made after keeping at *room
temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics under
*the operational temperature range within -30 *~
90°C.
*High temperature operation
*life (HTOL)
*Temperature:90
C
*VDD = 4.8V
*Time:1000+24/-0 hrs.
*Measurement to be made after keeping at *room
temperature for 24
2 hrs
*No mechanical damage.
*Electrical specification shall satisfy the
*descriptions in electrical characteristics under
*the operational temperature range within -30 *~
90°C.
Soldering condition
Typical examples of soldering processes that provide reliable joints without any damage are given in Figure 11.
3
Figure 11. Infrared soldering profile
260
245
217
200
150
10 sec
Time
30 sec min.
60~150 sec
480 sec max. to Peak
25
max. ramp up rate = 3°C/s
max. ramp down rate = 6°C/s
For SnAgCu series solder paste


Similar Part No. - RFASWK119ATF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWK626ATF09 WALSIN-RFASWK626ATF09 Datasheet
557Kb / 8P
   Any 2G/3G/4G Band for TRx system
RFASWK694BTF09 WALSIN-RFASWK694BTF09 Datasheet
587Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWK694CTF09 WALSIN-RFASWK694CTF09 Datasheet
597Kb / 9P
   Any 2G/3G/4G Band for TRx System
More results

Similar Description - RFASWK119ATF09

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFASWA370ATF06 WALSIN-RFASWA370ATF06 Datasheet
634Kb / 8P
   Any 2G/3G/4G Band for TRx system
RFASWB643ATF09 WALSIN-RFASWB643ATF09 Datasheet
663Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWK626ATF09 WALSIN-RFASWK626ATF09 Datasheet
557Kb / 8P
   Any 2G/3G/4G Band for TRx system
RMASMU890ATF03 WALSIN-RMASMU890ATF03 Datasheet
706Kb / 14P
   Any 2G/3G/4G Band for TRx System
RMASMU532ATF03 WALSIN-RMASMU532ATF03 Datasheet
733Kb / 15P
   Any 2G/3G/4G Band for TRx System
RFASWAM3489ATF09 WALSIN-RFASWAM3489ATF09 Datasheet
541Kb / 8P
   Any 2G/3G/4G Band for TRx System
RFASWB022ATF09 WALSIN-RFASWB022ATF09 Datasheet
650Kb / 8P
   Any 2G/3G/4G Band For TRx System
RFASWDH2418PTF09 WALSIN-RFASWDH2418PTF09 Datasheet
672Kb / 8P
   Any 2G/3G/4G Band for TRx System
RMASME494ATF03 WALSIN-RMASME494ATF03 Datasheet
881Kb / 16P
   Any 2G/3G/4G Band for TRx system
RFASWB438ATF09 WALSIN-RFASWB438ATF09 Datasheet
633Kb / 8P
   Any 2G/3G/4G Band for TRx System
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com