Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P8AX25TNC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P8AX25TNC
Description  Gas Tube Coaxial Surge Protector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P8AX25TNC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P8AX25TNC Datasheet HTML 1Page - List of Unclassifed Manufacturers P8AX25TNC Datasheet HTML 2Page - List of Unclassifed Manufacturers P8AX25TNC Datasheet HTML 3Page - List of Unclassifed Manufacturers P8AX25TNC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Gas Tube Coaxial Surge Protector
P8AX Series - Dimensional Drawings
P8AX-TW-FF
Citel, Inc. 1515 N.W. 167th St, Suite 6-303
Miami, FL 33169 USA
(800) 248-3548
Tel. (305) 621-0022 Fax (305) 621-0766
www.citelprotection.com
citel@citelprotection.com
P8AX-NWSMA-FF
TNC Female to TNC Female
N Bulkhead Female to SMA Female
P8AX-E-N-MF
P8AX-N-MFRP
Right Angle N Male to N Female
Reverse Polarity N Male to N Female
Outer Dimension Tolerance: +/- 0.2mm
Grounding Screw Tolerance: -0.05mm
P8AX-7/16W-FF
7/16 Male to 7/16 Female
7/16 Female to 7/16 Female
P8AX-7/16W-MF


Similar Part No. - P8AX25TNC

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P8A1205D HY-LINE-P8A1205D Datasheet
702Kb / 4P
   8 W DC-DC Converter P8A-Series
Rev: 20171108 f
P8A1205S HY-LINE-P8A1205S Datasheet
702Kb / 4P
   8 W DC-DC Converter P8A-Series
Rev: 20171108 f
P8A1209D HY-LINE-P8A1209D Datasheet
702Kb / 4P
   8 W DC-DC Converter P8A-Series
Rev: 20171108 f
P8A1209S HY-LINE-P8A1209S Datasheet
702Kb / 4P
   8 W DC-DC Converter P8A-Series
Rev: 20171108 f
P8A1212D HY-LINE-P8A1212D Datasheet
702Kb / 4P
   8 W DC-DC Converter P8A-Series
Rev: 20171108 f
More results

Similar Description - P8AX25TNC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
   Gas Discharge Tube Surge Protector
2003-07 BOURNS-2003-07 Datasheet
429Kb / 3P
   Gas Discharge Tube Surge Protector
2051-09 BOURNS-2051-09_15 Datasheet
241Kb / 2P
   Gas Discharge Tube Surge Protector
2033-80 BOURNS-2033-80 Datasheet
399Kb / 3P
   Gas Discharge Tube Surge Protector
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2035-XX-SM BOURNS-2035-XX-SM Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-09-SM BOURNS-2035-09-SM Datasheet
156Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_15 Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2036-XX-SM BOURNS-2036-XX-SM Datasheet
232Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2036-07-SM BOURNS-2036-07-SM_16 Datasheet
232Kb / 3P
   Precision Gas Discharge Tube Surge Protector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com