Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK2070 Datasheet(PDF) 4 Page - Tripath Technology Inc.

Part # TK2070
Description  STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TK2070 Datasheet(HTML) 4 Page - Tripath Technology Inc.

  TK2070 Datasheet HTML 1Page - Tripath Technology Inc. TK2070 Datasheet HTML 2Page - Tripath Technology Inc. TK2070 Datasheet HTML 3Page - Tripath Technology Inc. TK2070 Datasheet HTML 4Page - Tripath Technology Inc. TK2070 Datasheet HTML 5Page - Tripath Technology Inc. TK2070 Datasheet HTML 6Page - Tripath Technology Inc. TK2070 Datasheet HTML 7Page - Tripath Technology Inc. TK2070 Datasheet HTML 8Page - Tripath Technology Inc. TK2070 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
4
TK2070 – MC/2.1/10-03
PERFORMANCE CHARACTERISTICS – TK2070
TA = 25 °C. Unless otherwise noted, VCC = 24V, f=1kHz, and the measurement bandwidth is 20kHz.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
POUT
Output Power
(Continuous Average/Channel)
(Note 13)
VCC = 24V, RL = 8Ω
THD+N = 0.02%
THD+N = 1.0%
THD+N = 10.0%
VCC = 24V, RL = 4Ω
THD+N = 0.05%
THD+N = 5.0%
THD+N = 10.0%
22
33
40
45
55
70
W
W
W
W
W
W
THD + N
Total Harmonic Distortion Plus
Noise
POUT = 24W/Channel, RL = 8Ω
VCC = 24V
POUT = 40W/Channel, RL = 4Ω
VCC = 24V
0.03
0.04
%
%
IHF-IM
IHF Intermodulation Distortion
19kHz, 20kHz, 1:1 (IHF), RL = 4Ω
POUT = 10W/Channel
95
dB
SNR
Signal-to-Noise Ratio
A-Weighted
0dB = 70W/Channel, RL = 4Ω
105
dB
CS
Channel Separation
0dB = 9W, RL = 4Ω, f=1kHz
100
dB
AV
Amplifier Gain
POUT = 10W/Channel, RL = 8Ω,
See Application / Test Circuit
12
V/V
AVERROR
Channel to Channel Gain Error
POUT = 10W/Channel, RL = 8Ω
See Application / Test Circuit
0.5
dB
η
Power Efficiency
POUT = 35W/Channel, RL = 8Ω
POUT = 70W/Channel, RL = 4Ω
92
86
%
%
eN
Output Noise Voltage
A-Weighted, input AC grounded,
RFBC = 11kΩ , RFBB = 1kΩ
85
µV


Similar Part No. - TK2070

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
TK200 CADDOCK-TK200 Datasheet
371Kb / 2P
   Type TK Low TC Precision Radial-Lead Film Resistors
logo
Toshiba Semiconductor
TK200F04N1L TOSHIBA-TK200F04N1L Datasheet
306Kb / 11P
   Silicon N-channel MOS (U-MOS-H)
2020-06-24 Rev.8.0
logo
Tripath Technology Inc.
TK2019 TRIPATH-TK2019 Datasheet
414Kb / 21P
   STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
TK2050 TRIPATH-TK2050 Datasheet
400Kb / 19P
   STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
   STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
More results

Similar Description - TK2070

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
   STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
   CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com