Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP139DT Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EP139DT
Description  첨2/4, 첨4./5/6 Clock Generation Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP139DT Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EP139DT Datasheet HTML 1Page - ON Semiconductor MC100EP139DT Datasheet HTML 2Page - ON Semiconductor MC100EP139DT Datasheet HTML 3Page - ON Semiconductor MC100EP139DT Datasheet HTML 4Page - ON Semiconductor MC100EP139DT Datasheet HTML 5Page - ON Semiconductor MC100EP139DT Datasheet HTML 6Page - ON Semiconductor MC100EP139DT Datasheet HTML 7Page - ON Semiconductor MC100EP139DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC100EP139
http://onsemi.com
5
DC CHARACTERISTICS, PECL (VCC = 5.0V ± 0.5V, VEE = 0V) (Note 9.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
(Note 7.)
70
85
100
70
90
105
75
95
110
mA
VOH
Output HIGH Voltage
(Note 8.)
3750
3900
4105
3750
3900
4105
3750
3900
4105
mV
VOL
Output LOW Voltage
(Note 8.)
3005
3150
3350
3005
3150
3350
3005
3150
3350
mV
VIH
Input HIGH Voltage Single Ended
3977
3977
3977
mV
VIL
Input LOW Voltage Single Ended
3357
3357
3357
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
CLK
CLK
0.5
–150
0.5
–150
0.5
–150
µA
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
7. VCC = 5.0V, VEE = 0V, all other pins floating.
8. All loading with 50 ohms to VCC –2.0 volts.
9. Input and output parameters vary 1:1 with VCC.
AC CHARACTERISTICS (VCC = 3.0V to 5.5V; VEE = 0V) or (VCC = 0V; VEE = –3.0V to –5.5V)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle
Frequency (Note 10.)
1.0
1.2
1.0
1.2
1.0
1.2
GHz
tPLH,
tPHL
Propagation Delay
CLK, Q(DIFF)
CLK, Q(SE)
MR, Q
550
700
800
600
750
900
675
825
975
ps
tSKEW
Device Skew
Q, Q
Part–to–Part (Note 11.)
50
200
ps
tJITTER
Cycle–to–Cycle Jitter
TBD
TBD
TBD
ps
tr
tf
Output Rise and Fall Times
Q, Q
(20% – 80%)
110
180
250
125
190
275
150
215
300
ps
ts
Setup Time
EN, CLK
DIVSEL, CLK
200
400
120
200
400
120
200
400
120
ps
th
Hold Time
CLK, EN
CLK, DIVSEL
100
150
50
100
150
50
100
150
50
ps
Vpp
Input Voltage Swing (Diff)
300
800
1200
300
800
1200
300
800
1200
mV
trr
Reset Recovery Time
100
ps
tpw
Minimum Pulse Width
CLK
MR
550
450
550
450
550
450
ps
10. Fmax guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only.
11. Skew is measured between outputs under identical transitions.


Similar Part No. - MC100EP139DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP139DT ONSEMI-MC100EP139DT Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
MC100EP139DT ONSEMI-MC100EP139DT Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100EP139DTG ONSEMI-MC100EP139DTG Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100EP139DTG ONSEMI-MC100EP139DTG Datasheet
218Kb / 14P
   Clock Generation Chip
August, 2016 ??Rev. 14
MC100EP139DTR2 ONSEMI-MC100EP139DTR2 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
More results

Similar Description - MC100EP139DT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S839V MICREL-SY100S839V Datasheet
68Kb / 5P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
SY100S839V MICREL-SY100S839V_06 Datasheet
64Kb / 6P
   첨2/4, 첨4/5/6 CLOCK GENERATION CHIP
logo
Motorola, Inc
MC100LVEL39 MOTOROLA-MC100LVEL39 Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
logo
ON Semiconductor
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838_06 Datasheet
483Kb / 5P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com