Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V104 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # V104
Description  10 BIT LVDS RECEIVER FOR VIDEO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V104 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  V104 Datasheet HTML 1Page - Integrated Circuit Systems V104 Datasheet HTML 2Page - Integrated Circuit Systems V104 Datasheet HTML 3Page - Integrated Circuit Systems V104 Datasheet HTML 4Page - Integrated Circuit Systems V104 Datasheet HTML 5Page - Integrated Circuit Systems V104 Datasheet HTML 6Page - Integrated Circuit Systems V104 Datasheet HTML 7Page - Integrated Circuit Systems V104 Datasheet HTML 8Page - Integrated Circuit Systems V104 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
10 BIT LVDS RECEIVER FOR VIDEO
V104
V104 Datasheet
4
1/12/05
Revision 1.6
Integrated Circuit Systems • 525 Race St reet, San Jose, CA 95 126 • tel (408) 297-1201 • w w w. icst.com
PRELIMINARY
External Components
The V104 requires no external components.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the V104. These ratings, which
are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VCC
-0.3 V to +4.0 V
CMOS/TTL Input Voltage
-0.3 V to VCC+0.3 V
CMOS/TTL Output Voltage
-0.3 V to VCC+0.3 V
LVDS Receiver Input Voltage
-0.3 V to VCC+0.3 V
Output Current
-30 mA to 30 mA
Storage Temperature
-55 to +125
°C
Junction Temperature
125
°C
Soldering Temperature (10 seconds)
260
°C
Maximum Power Dissipation @ +25°C
1.0 W
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V


Similar Part No. - V104

ManufacturerPart #DatasheetDescription
logo
EPCOS
V10-A500X EPCOS-V10-A500X Datasheet
83Kb / 2P
   Surge Arrester 2-Electrode-Arrester
V10-A500X EPCOS-V10-A500X Datasheet
64Kb / 4P
   SURGE ARRESTER 2-electrode arrester
V10-H08X EPCOS-V10-H08X Datasheet
16Kb / 2P
   Surge Arrester 2-Electrode-Arrester
V10-H14X EPCOS-V10-H14X Datasheet
16Kb / 2P
   Surge Arrester 2-Electrode-Arrester
V10-H22X EPCOS-V10-H22X Datasheet
83Kb / 2P
   Surge Arrester 2-Electrode-Arrester
More results

Similar Description - V104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V386 ICST-V386 Datasheet
243Kb / 10P
   8-BIT LVDS RECEIVER FOR VIDEO
logo
Renesas Technology Corp
IDTVP386 RENESAS-IDTVP386 Datasheet
275Kb / 13P
   8/28-BIT LVDS RECEIVER FOR VIDEO
2019
logo
Integrated Circuit Syst...
V103A ICST-V103A Datasheet
148Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V103A RENESAS-V103A Datasheet
391Kb / 12P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
logo
Integrated Circuit Syst...
V385A ICST-V385A Datasheet
139Kb / 8P
   8-BIT LVDS TRANSMITTER FOR VIDEO
V385 ICST-V385 Datasheet
158Kb / 9P
   8-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V385A RENESAS-V385A Datasheet
413Kb / 9P
   8-BIT LVDS TRANSMITTER FOR VIDEO
2019
logo
Maxim Integrated Produc...
MAX9235 MAXIM-MAX9235 Datasheet
128Kb / 11P
   10-Bit LVDS Serializer
Rev 0; 7/07
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com