Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95810WIU8Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL95810WIU8Z
Description  Single Digitally Controlled Potentiometer (XDCP)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95810WIU8Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL95810WIU8Z Datasheet HTML 1Page - Intersil Corporation ISL95810WIU8Z Datasheet HTML 2Page - Intersil Corporation ISL95810WIU8Z Datasheet HTML 3Page - Intersil Corporation ISL95810WIU8Z Datasheet HTML 4Page - Intersil Corporation ISL95810WIU8Z Datasheet HTML 5Page - Intersil Corporation ISL95810WIU8Z Datasheet HTML 6Page - Intersil Corporation ISL95810WIU8Z Datasheet HTML 7Page - Intersil Corporation ISL95810WIU8Z Datasheet HTML 8Page - Intersil Corporation ISL95810WIU8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN8090.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Corporation. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL95810
Single Digitally Controlled Potentiometer (XDCP™)
Low Noise, Low Power I2C Bus, 256 Taps
The ISL95810 integrates a digitally controlled potentiometer
(XDCP) on a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wiper is controlled by the user through the I2C
bus interface. The potentiometer has an associated volatile
Wiper Register (WR) and a non-volatile Initial Value Register
(IVR), that can be directly written to and read by the user.
The content of the WR controls the position of the wiper. At
power-up the device recalls the contents of the DCP’s IVR to
the WR.
The DCP can be used as three-terminal potentiometer or as
two-terminal variable resistor in a wide variety of applications
including control, parameter adjustments, and signal
processing.
Features
• 256 resistor taps - 0.4% resolution
•I2C serial interface
• Wiper resistance: 70
Ω typical @ 3.3V
• Non-volatile storage of wiper position
• Standby current 5µA max
• Power supply: 2.7V to 5.5V
•50k
Ω, 10kΩ total resistance
• High reliability
- Endurance: 200,000 data changes per bit per register
- Register data retention: 50 years @ T
≤ 75°C
• 8 Ld MSOP and 8 Ld TDFN packaging
• Pb-free plus anneal available (RoHS compliant)
Pinout
ISL95810
(8 LD MSOP)
TOP VIEW
ISL95810
(8 LD TDFN)
TOP VIEW
Ordering Information
PART NUMBER
PART
MARKING
RTOTAL
(k
Ω)
TEMP
RANGE (°C)
PACKAGE
ISL95810WIU8*
AIU
10
-40 to 85
8 Ld MSOP
ISL95810WIU8Z*
(Note)
-40 to 85
8 Ld MSOP
(Pb-free)
ISL95810WIRT8Z*
(Note)
-40 to 85
8 Ld 3 x 3 TDFN
(Pb-free)
ISL95810UIU8*
AIT
50
-40 to 85
8 Ld MSOP
ISL95810UIU8Z*
(Note)
AOK
-40 to 85
8 Ld MSOP
(Pb-free)
ISL95810UIRT8Z*
(Note)
-40 to 85
8 Ld 3 x 3 TDFN
(Pb-free)
*Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb
and Pb-free soldering operations. Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
1
2
3
4
5
6
7
SDA
SCL
8
WP
RW
RL
RH
VCC
GND
2
3
4
1
7
6
5
8
SDA
SCL
WP
GND
RW
RL
RH
VCC
Data Sheet
October 7, 2005


Similar Part No. - ISL95810WIU8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95810WIU8Z INTERSIL-ISL95810WIU8Z Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
logo
Renesas Technology Corp
ISL95810WIU8Z RENESAS-ISL95810WIU8Z Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
More results

Similar Description - ISL95810WIU8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com