Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24FC17RD4ETE13REV-F Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT24FC17RD4ETE13REV-F
Description  16-kb I2C Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC17RD4ETE13REV-F Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT24FC17RD4ETE13REV-F Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC17RD4ETE13REV-F Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC17RD4ETE13REV-F Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC17RD4ETE13REV-F Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC17RD4ETE13REV-F Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC17RD4ETE13REV-F Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC17RD4ETE13REV-F Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC17RD4ETE13REV-F Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC17RD4ETE13REV-F Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAT24FC17
5
Doc No. 1077, Rev. F
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
I2C BUS PROTOCOL
The following defines the features of the I2C bus proto-
col:
(1) Data transfer may be initiated only when the bus is
not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any changes
in the data line while the clock line is high will be
interpreted as a START or STOP condition.
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT24FC17 monitor the
SDA and SCL lines and will not respond until this
condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
DEVICE ADDRESSING
The Master begins a transmission by sending a START
condition. The Master then sends the address of the
particular slave device it is requesting. The four most
significant bits of the 8-bit slave address are fixed as
1010 for the CAT24FC17 (see Fig. 5). The next three
significant bits (A10, A9, A8) are the memory array
address bits. The last bit of the slave address specifies
whether a Read or Write operation is to be performed.
When this bit is set to 1, a Read operation is selected,
and when set to 0, a Write operation is selected.
After the Master sends a START condition and the slave
address byte, the CAT24FC17 monitors the bus and
responds with an acknowledge (on the SDA line) when
its address matches the transmitted slave address. The
CAT24FC17 then performs a Read or a Write operation
depending on the state of the R/
W bit.
Acknowledge
After a successful data transfer, each receiving device is
required to generate an acknowledge. The Acknowledg-
ing device pulls down the SDA line during the ninth clock
cycle, signaling that it received the 8 bits of data.
The CAT24FC17 responds with an acknowledge after
receiving a START condition and its slave address. If the
device has been selected along with a write operation,
it responds with an acknowledge after receiving each
byte.
When the CAT24FC17 begins a READ mode, it trans-
mits 8 bits of data, releases the SDA line, and monitors
the line for an acknowledge. Once it receives this ac-
knowledge, the CAT24FC17 will continue to transmit
data. If no acknowledge is sent by the Master, the device
terminates data transmission and waits for a STOP
condition.
Figure 4. Acknowledge Timing
Figure 5. Slave Address Bits
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
1
DEVICE ADDRESS
0
1
0
A10
A9
A8
R/W
Normal Read and Write


Similar Part No. - CAT24FC17RD4ETE13REV-F

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC16 CATALYST-CAT24FC16 Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16GD4ETE13 CATALYST-CAT24FC16GD4ETE13 Datasheet
595Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16GD4ITE13 CATALYST-CAT24FC16GD4ITE13 Datasheet
595Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16GLETE13 CATALYST-CAT24FC16GLETE13 Datasheet
595Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16GLITE13 CATALYST-CAT24FC16GLITE13 Datasheet
595Kb / 11P
   16-kb I2C Serial EEPROM
More results

Similar Description - CAT24FC17RD4ETE13REV-F

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC16 CATALYST-CAT24FC16 Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16_05 Datasheet
595Kb / 11P
   16-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24AA16 ONSEMI-CAT24AA16_18 Datasheet
211Kb / 11P
   EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24AA16 ONSEMI-CAT24AA16 Datasheet
162Kb / 10P
   16-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 1
LE2416DXA ONSEMI-LE2416DXA Datasheet
295Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01 Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01_05 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com